Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADBMS1818ASWZ Datasheet(PDF) 31 Page - Analog Devices

Part # ADBMS1818ASWZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ Datasheet(HTML) 31 Page - Analog Devices

Back Button ADBMS1818ASWZ Datasheet HTML 27Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 28Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 29Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 30Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 31Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 32Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 33Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 34Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. B | 31 of 92
Undervoltage and Overvoltage Monitoring
Whenever the C inputs are measured, the results are compared
to undervoltage and overvoltage thresholds stored in the memory.
If the reading of a cell is above the overvoltage limit, a bit in the
memory is set as a flag. Similarly, measurement results below the
undervoltage limit cause a flag to be set. The overvoltage and
undervoltage thresholds are stored in Configuration Register Group
A. The flags are stored in Status Register Group B and Auxiliary
Register Group D.
Auxiliary (GPIO) Measurements (ADAX
Command)
The ADAX command initiates the measurement of the GPIO inputs.
This command has options to select which GPIO input to measure
(GPIO1 to GPIO9) and which ADC mode to use. The ADAX
command also measures the 2nd reference. There are options in
the ADAX command to measure subsets of the GPIOs and the
2nd reference separately or to measure all nine GPIOs and the
2nd reference in a single command. See the Commands section
for the ADAX command format. All auxiliary measurements are
relative to the V– pin voltage. This command can be used to read
external temperatures by connecting temperature sensors to the
GPIOs. These sensors can be powered from the 2nd reference,
which is also measured by the ADAX command, resulting in precise
ratiometric measurements.
Figure 57 shows the timing of the ADAX command measuring
all nine GPIOs and the 2nd reference. All 10 measurements are
carried out on ADC1 alone. The 2nd reference is measured after
GPIO5 and before GPIO6.
Table 23 shows the conversion time for the ADAX command meas-
uring all nine GPIOs and the 2nd reference. t10C indicates the total
conversion time.
Figure 57. Timing for ADAX Command Measuring All GPIOs and 2nd Reference
Table 23. Conversion and Synchronization Times for ADAX Command Measuring All GPIOs and 2nd Reference in Different Modes
Mode
Conversion Times (μs)
Synchronization Time (μs)
t0
t1M
t2M
t9M
t10M
t10C
tSKEW
27 kHz
0
58
104
431
478
1825
420
14 kHz
0
87
163
693
769
2116
682
7 kHz
0
145
279
1217
1350
3862
1205
3 kHz
0
261
512
2264
2514
5025
2253
2 kHz
0
494
977
4358
4841
7353
4347
1 kHz
0
960
1908
8547
9496
12,007
8536
422 Hz
0
1890
3770
16,926
18,805
21,316
16,915
26 Hz
0
29,818
59,624
268,271
298,078
335,498
268,260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com