Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADBMS1818ASWZ Datasheet(PDF) 59 Page - Analog Devices

Part # ADBMS1818ASWZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ Datasheet(HTML) 59 Page - Analog Devices

Back Button ADBMS1818ASWZ Datasheet HTML 55Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 56Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 57Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 58Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 59Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 60Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 61Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 62Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. B | 59 of 92
While writing any command to ADBMS1818, the command bytes
CMD0 and CMD1 (see Table 49 and Table 50) and the PEC bytes
PEC0 and PEC1 are sent on Port A in the following order:
CMD0, CMD1, PEC0, PEC1
After a write command to daisy-chained ADBMS1818 devices,
data is sent to each device followed by the PEC. For example,
when writing Configuration Register Group A to two daisy-chained
devices (primary device P, stacked device S), the data is sent to the
primary device on Port A in the following order:
CFGAR0(S), … , CFGAR5(S), PEC0(S), PEC1(S), CFGAR0(P),
… , CFGAR5(P), PEC0(P), PEC1(P)
After a read command for daisy-chained devices, each device shifts
out its data and the PEC that it computed for its data on Port
A followed by the data received on Port B. For example, when
reading Status Register Group B from two daisy -chained devices
(primary device P, stacked device S), the primary device sends out
data on Port A in the following order:
STBR0(P), … , STBR5(P), PEC0(P), PEC1(P), STBR0(S), … ,
STBR5(S), PEC0(S), PEC1(S)
See the Bus Protocols section for the command format.
All devices in a daisy-chained configuration receive the command
bytes simultaneously. For example, to initiate ADC conversions in a
stack of devices, a single ADCV command is sent, and all devices
start conversions at the same time. For read and write commands,
a single command is sent, and the stacked devices effectively turn
into a cascaded shift register, in which data is shifted through each
device to the next higher (on a write) or the next lower (on a read)
device in the stack. See the Serial Interface Overview section.
Polling Methods
The simplest method to determine ADC completion is for the
controller to start an ADC conversion and wait for the specified
conversion time to pass before reading the results.
If using a single ADBMS1818 that communicates in SPI mode
(ISOMD pin tied low), there are two methods of polling. The first
method is to hold CSB low after an ADC conversion command
is sent. After entering a conversion command, the SDO line is
driven low when the device is busy performing conversions. SDO
is pulled high when the device completes conversions. However,
SDO also goes high when CSB goes high even if the device has
not completed the conversion (see Figure 89). A problem with this
method is that the controller is not free to perform other serial
communications while waiting for ADC conversions to complete.
The next method overcomes this limitation. The controller can send
an ADC start command, perform other tasks, and then send a poll
ADC converter status (PLADC) command to determine the status
of the ADC conversions (see Figure 90). After entering the PLADC
command, SDO goes low if the device is busy performing conver-
sions. SDO is pulled high at the end of conversions. However, SDO
also goes high when CSB goes high even if the device has not
completed the conversion.
If using a single ADBMS1818 that communicates in isoSPI mode,
the low-side port transmits a data pulse only in response to a
master isoSPI pulse received by it. Therefore, after entering the
command in either method of polling described previously, isoSPI
data pulses are sent to the part to update the conversion status.
These pulses can be sent using the LTC6820 by simply clocking its
SCK pin. In response to this pulse, the ADBMS1818 sends back a
low isoSPI pulse if it is still busy performing conversions or a high
data pulse if it has completed the conversions. If a CSB high isoSPI
pulse is sent to the device, the device exits the polling command.
In a daisy-chained configuration of N stacked devices, the same
two polling methods can be used. If the bottom device communi-
cates in SPI mode, the SDO of the bottom device indicates the
conversion status of the entire stack. That is, SDO remains low until
all the devices in the stack have completed the conversions. In the
first method of polling, after an ADC conversion command is sent,
clock pulses are sent on SCK while keeping CSB low. The SDO
status becomes valid only at the end of N clock pulses on SCK.
During the first N clock pulses, the bottom ADBMS1818 in the daisy
chain outputs a 0 or a low data pulse. After N clock pulses, the
output data from the bottom ADBMS1818 gets updated for every
clock pulse that follows (see Figure 91). In the second method, the
PLADC command is sent followed by clock pulses on SCK while
keeping CSB low. Similar to the first method, the SDO status is
valid only after N clock cycles on SCK and gets updated after every
clock cycle that follows (see Figure 92).
If the bottom device communicates in isoSPI mode, isoSPI data
pulses are sent to the device to update the conversion status.
Using the LTC6820, this action can be achieved by just clocking
the SCK pin. The conversion status is valid only after the bottom
ADBMS1818 device receives N isoSPI data pulses and the status
gets updated for every isoSPI data pulse that follows. The device
returns a low data pulse if any of the devices in the stack is busy
performing conversions and returns a high data pulse if all the
devices are free.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com