Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADBMS1818ASWZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADBMS1818ASWZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADBMS1818ASWZ Datasheet HTML 30Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 31Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 32Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 33Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 34Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 35Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 36Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 37Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. B | 34 of 92
Sum of All Cells Measurement
The sum of all cells (SC) measurement is the voltage between C18
and C0 with a 30:1 attenuation. The 16-bit ADC value of sum of
all cells measurement is stored in Status Register Group A. Any
potential difference between the C0 and V– pins results in an error
in the SC measurement equal to this difference. From the SC value,
the sum of all cell voltage measurements is given by:
Sum of all cells = SC × 30 × 100 µV
Internal Die Temperature Measurement
The ADSTAT command can measure the internal die temperature
(ITMP). The 16-bit ADC value of the ITMP is stored in Status Regis-
ter Group A. From ITMP, the actual die temperature is calculated
using the expression:
Internal Die Temperature (°C) =
ITMP× 100μV7.6mV
°C − 276°C
Power Supply Measurements
The ADSTAT command is also used to measure the analog power
supply (VREG) and digital power supply (VREGD). The 16-bit ADC
value of the analog power supply measurement (VA) is stored in
Status Register Group A. The 16-bit ADC value of the digital power
supply measurement (VD) is stored in Status Register Group B.
From VA and VD, the power supply measurements are given by:
Analog power supply measurement (VREG) = VA × 100 µV
Digital power supply measurement (VREGD) = VD × 100 µV
The value of VREG is determined by external components. VREG
must be between 4.5 V and 5.5 V to maintain accuracy. The value
of VREGD is determined by internal components. The normal range
of VREGD is 2.7 V to 3.6 V.
Measuring Internal Device Parameters with
Digital Redundancy (ADSTATD Command)
The ADSTATD command operates similarly to the ADSTAT com-
mand except that an additional diagnostic is performed using digital
redundancy. PS, Bits[1:0] in Configuration Register Group B must
be set to 0 or 1 during the ADSTATD command to enable redun-
dancy. See the ADC Conversion with Digital Redundancy section.
The execution time of the ADSTAT command and the ADSTATD
command is the same.
ADC Conversion with Digital Redundancy
Each of the three internal ADCs contains its own digital integra-
tion and differentiation machine. The ADBMS1818 also contains a
fourth digital integration and differentiation machine that is used for
redundancy and error checking.
All of the ADC and self test commands, except ADAX and ADSTAT,
can operate with digital redundancy. This includes ADCV, ADOW,
CVST, ADOL, ADAXD, AXOW, AXST, ADSTATD, STATST, ADC-
VAX, and ADCVSC. When performing an ADC conversion with
redundancy, the analog modulator sends its bit stream to both
the primary digital machine and the redundant digital machine. At
the end of the conversion, the results from the two machines are
compared. If any mismatch occurs, a value of 0xFF0X (≥6.528 V)
is written to the result register. This value is outside of the clamping
range of the ADC and the host identifies this as a fault indication.
The last four bits are used to indicate which nibble(s) of the result
values did not match.
Table 26. Indication of Digital Redundancy Fault Bit Location
Result
Indication
0b1111_1111_0000_0XXX
No fault detected in Bit 15 to Bit 12
0b1111_1111_0000_1XXX
Fault detected in Bit 15 to Bit 12
0b1111_1111_0000_X0XX
No fault detected in Bit 11 to Bit 8
0b1111_1111_0000_X1XX
Fault detected in Bit 11 to Bit 8
0b1111_1111_0000_XX0X
No fault detected in Bit 7 to Bit 4
0b1111_1111_0000_XX1X
Fault detected in Bit 7 to Bit 4
0b1111_1111_0000_XXX0
No fault detected in Bit 3 to Bit 0
0b1111_1111_0000_XXX1
Fault detected in Bit 3 to Bit 0
Because there is a single redundant digital machine, the machine
can apply redundancy to only one ADC at a time. By default,
the ADBMS1818 automatically selects the ADC path redundancy.
However, the user can choose an ADC redundancy path selection
by writing to the PS, Bits[1:0] in Configuration Register Group B.
Table 27 shows all possible ADC path redundancy selections.
When the FDRF bit in Configuration Register Group B is written to
1, this bit forces the digital redundancy comparison to fail during
subsequent ADC conversions.
Measuring Cell Voltages and Sum of All Cells
(ADCVSC Command)
The ADCVSC command combines 18 cell measurements and
the sum of all cells measurement. This command simplifies the
synchronization of the individual battery cell voltage and the total
sum of all cells measurements. Figure 60 shows the timing of the
ADCVSC command. See the Commands section for the ADCVSC
command format. The synchronization of the cell voltage and sum
of all cells measurements, tSKEW, in fast mode is within 147 μs.
Table 28 shows the conversion and synchronization time for the
ADCVSC command in different modes. The total conversion time
for the command is given by t7C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com