Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GC331CD7LP683KX19 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd

Part # GC331CD7LP683KX19
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GC331CD7LP683KX19 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd

  GC331CD7LP683KX19 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
■ Specifications and Test Methods
1
2
3
4
5
Post-treatment
Non treatment:Let sit for 24+/-2hours at room temperature, then measure.
Destructive Physical
Analysis
Appearance
No defects or abnormalities.
Per EIA-469
Moisture Resistance
Appearance
No defects or abnormalities.
Mounting method
Solder the capacitor on the test substrate
Capacitance Change
Within +/-12.5%
Test Time
Apply the 24h treatment shown below, 10 consecutive times.
Q or D.F.
DF≦0.02
Temperature and Humidity cycle
I.R.(Room Temp.)
Within the specified initial value.
Post-treatment
Non treatment:Let sit for 24+/-2hours at room temperature, then measure.
Temperature Cycling
Appearance
No defects or abnormalities.
Mounting method
Reflow solder the capacitor on the test substrate
Capacitance Change
Within +/-7.5%
Pre-treatment
Heat treatment:Perform a heat treatment at 150+0/-10°C for 1hour and then let sit for 24+/-2hours
Q or D.F.
Within the specified initial value.
at room temperature, then measure.
I.R.(Room Temp.)
Within the specified initial value.
Cycles
1000cycles
Temperature Cycling
High Temperature
Exposure (Storage)
Appearance
No defects or abnormalities.
Mounting method
Solder the capacitor on the test substrate
Capacitance Change
Within +/-10%
Test Temperature
150+/-3℃
Q or D.F.
DF≦0.02
Test Time
1000+/-12h
I.R.(Room Temp.)
Within the specified initial value.
Post-treatment
Non treatment:Let sit for 24+/-2hours at room temperature, then measure.
No
Item
Specification
Test Method(Compliant Standard:AEC-Q200)
Pre-and Post-Stress
Electrical Test
-
-
GC331CD7LP683KX19-00B
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com