Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GC331CD7LP683KX19 Datasheet(PDF) 27 Page - Murata Manufacturing Co., Ltd

Part # GC331CD7LP683KX19
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GC331CD7LP683KX19 Datasheet(HTML) 27 Page - Murata Manufacturing Co., Ltd

Back Button GC331CD7LP683KX19 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
2. Land Dimensions
2-1. Please confirm the suitable land dimension by evaluating of the actual SET / PCB.
Table 1 Flow Soldering Method
Flow soldering can only be used for products with a chip size of 2.0x1.25mm to 3.2x1.6mm.
(in mm)
Resistance to PCB bending stress may be improved by designing the “a” dimension with solder resist.
Table 2 Reflow Soldering Method
(in mm)
< Applicable to beyond Rated Voltage of 200VDC >
2-2. Dimensions of Slit (Example)
Preparing the slit helps flux cleaning and resin coating on the back of the capacitor.
However, the length of the slit design should be as short as possible
to prevent mechanical damage in the capacitor.
A longer slit design might receive more severe mechanical stress from the PCB.
Recommended slit design is shown in the Table.
4.5×3.2
1.0 to 2.8
4.8 to 5.3
5.7×5.0
1.0 to 4.0
6.6 to 7.1
3.2×1.6
1.0 to 2.0
3.2 to 3.7
3.2×2.5
1.0 to 2.0
4.1 to 4.6
3.5 to 4.8
L×W
d
e
2.0×1.25
-
-
GC□
55
5.7×5.0
4.0 to 4.6
1.4 to 1.6
1.8 to 2.3
GC□
43
4.5×3.2
3.0 to 3.5
1.2 to 1.4
2.3 to 3.0
GC□
32
3.2×2.5
2.0 to 2.4
1.0 to 1.2
0.8 to 1.1
GC□
31
3.2×1.6
2.2 to 2.4
0.8 to 0.9
1.0 to 1.4
GC□
21
2.0×1.25
1.0 to 1.2
0.6 to 0.7
1.0 to 1.4
Series
Chip Dimension
(L/W) Code
Chip(L×W)
a
b
c
GC□
31
3.2×1.6
2.2 to 2.6
1.0 to 1.1
c
GC□
21
2.0×1.25
1.0 to 1.2
0.9 to 1.0
0.8 to 1.1
Series
Chip Dimension
(L/W) Code
Chip(L×W)
a
b
GC331CD7LP683KX19-00B
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com