Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GC331CD7LP683KX19 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd

Part # GC331CD7LP683KX19
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GC331CD7LP683KX19 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd

Back Button GC331CD7LP683KX19 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
■ Package(Tape Carrier Packaging)
4.
Part of the leader and part of the vacant section are attached as follows.
The sprocket holes are to the right as the tape is pulled toward the user.
5.
Accumulate tolerance of sprocket holes pitch = +/-0.3mm/10 pitch
6.
Chip in the tape is enclosed by top tape and bottom tape as shown in 2.Dimensions of Tape.
7.
The top tape and carrier tape are not attached at the end of the tape for a minimum of 5 pitches.
8.
There are no jointing for top tape and bottom tape.
9.
There are no fuzz in the cavity.
10. Break down force of top tape : 5N min.
Break down force of bottom tape : 5N min. (Only a bottom tape existence )
11. Reel is made by resin and appeaser and dimension is shown in 3.Dimensions of Reel.
 
There are possibly to change the material and dimension due to some impairment.
 
 
12. Peeling off force : 0.1N to 0.7N in the direction as shown below.
Speed of Peeling off : 300 mm / min
13. Label that show the customer parts number, our parts number, our company name, inspection
number and quantity, will be put in outside of reel.
GC331CD7LP683KX19-00B
 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com