Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

040-4635 Datasheet(PDF) 3 Page - Elma Electronic Ltd

Part # 040-4635
Description  Classic Collet Knobs and Accessories
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

040-4635 Datasheet(HTML) 3 Page - Elma Electronic Ltd

  040-4635 Datasheet HTML 1Page - Elma Electronic Ltd 040-4635 Datasheet HTML 2Page - Elma Electronic Ltd 040-4635 Datasheet HTML 3Page - Elma Electronic Ltd 040-4635 Datasheet HTML 4Page - Elma Electronic Ltd 040-4635 Datasheet HTML 5Page - Elma Electronic Ltd 040-4635 Datasheet HTML 6Page - Elma Electronic Ltd 040-4635 Datasheet HTML 7Page - Elma Electronic Ltd 040-4635 Datasheet HTML 8Page - Elma Electronic Ltd 040-4635 Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
36
Marking
Surface
grey
black
red
blue
yellow
green
matt
040-1015
040-1025
040-1035
040-1045
040-1055
040-1065
glossy
040-1010
040-1020
040-1030
040-1040
040-1050
040-1060
matt
040-1615
040-1625
040-1635
040-1645
040-1655
040-1665
glossy
040-1610
040-1620
040-1630
040-1640
040-1650
040-1660
Marking
a
ø
grey
black
matt
glossy
matt
glossy
4,5
2
022-2015
022-2010
022-2025
022-2020
5,2
3
022-2115
022-2110
022-2125
022-2120
5,2
1/8”
022-2215
022-2210
022-2225
022-2220
5,2
4
022-2315
022-2310
022-2325
022-2320
4,5
2
023-2015
023-2010
023-2025
023-2020
5,2
3
023-2115
023-2110
023-2125
023-2120
5,2
1/8”
023-2215
023-2210
023-2225
023-2220
5,2
4
023-2315
023-2310
023-2325
023-2320
Knob ø 10 mm
packing unit: 100 pieces
14
13
a
Marking
a
ø
grey
black
matt
glossy
matt
glossy
4,5
2
020-2015
020-2010
020-2025
020-2020
5,2
3
020-2115
020-2110
020-2125
020-2120
5,2
1/8”
020-2215
020-2210
020-2225
020-2220
5,2
4
020-2315
020-2310
020-2325
020-2320
4,5
4
021-2015
021-2010
021-2025
021-2020
5,2
3
021-2115
021-2110
021-2125
021-2120
5,2
1/8”
021-2215
021-2210
021-2225
021-2220
5,2
4
021-2315
021-2310
021-2325
021-2320
without line
with line
Knob
packing unit: 100 pieces
ø10
2.3
Wing knob
with line
without line
2.3
1
Cap
with line
without line
packing unit: 100 pieces
Surface
grey
black
red
blue
yellow
green
matt
041-2015
041-2025
041-2035
041-2045
041-2055
041-2065
glossy
041-2010
041-2020
041-2030
041-2040
041-2050
041-2060
ø10
0.7
Pointer
packing unit: 100 pieces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com