Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

040-4635 Datasheet(PDF) 5 Page - Elma Electronic Ltd

Part # 040-4635
Description  Classic Collet Knobs and Accessories
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

040-4635 Datasheet(HTML) 5 Page - Elma Electronic Ltd

  040-4635 Datasheet HTML 1Page - Elma Electronic Ltd 040-4635 Datasheet HTML 2Page - Elma Electronic Ltd 040-4635 Datasheet HTML 3Page - Elma Electronic Ltd 040-4635 Datasheet HTML 4Page - Elma Electronic Ltd 040-4635 Datasheet HTML 5Page - Elma Electronic Ltd 040-4635 Datasheet HTML 6Page - Elma Electronic Ltd 040-4635 Datasheet HTML 7Page - Elma Electronic Ltd 040-4635 Datasheet HTML 8Page - Elma Electronic Ltd 040-4635 Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
38
Marking
Surface
grey
black
red
blue
yellow
green
matt
040-3015
040-3025
040-3035
040-3045
040-3055
040-3065
glossy
040-3010
040-3020
040-3030
040-3040
040-3050
040-3060
matt
040-3615
040-3625
040-3635
040-3645
040-3655
040-3665
glossy
040-3610
040-3620
040-3630
040-3640
040-3650
040-3660
Marking
a
d
ø
grey
black
matt
glossy
matt
glossy
5,2
–
3
022-3115
022-3110
022-3125
022-3120
5,2
–
1/8"
022-3215
022-3210
022-3225
022-3220
5,2
–
4
022-3315
022-3310
022-3325
022-3320
7,0
3,2
6
022-3415
022-3410
022-3425
022-3420
7,0
3,2
1/4"
022-3515
022-3510
022-3525
022-3520
5,2
-
3
023-3115
023-3110
023-3125
023-3120
5,2
-
1/8"
023-3215
023-3210
023-3225
023-3220
5,2
-
4
023-3315
023-3310
023-3325
023-3320
7,0
3,2
6
023-3415
023-3410
023-3425
023-3420
7,0
3,2
1/4"
023-3515
023-3510
023-3525
023-3520
Marking
a
d
ø
grey
black
matt
glossy
matt
glossy
5,2
-
3
020-3115
020-3110
020-3125
020-3120
5,2
-
1/8"
020-3215
020-3210
020-3225
020-3220
5,2
-
4
020-3315
020-3310
020-3325
020-3320
7,0
3,2
6
020-3415
020-3410
020-3425
020-3420
7,0
3,2
1/4"
020-3515
020-3510
020-3525
020-3520
5,2
-
3
021-3115
021-3110
021-3125
021-3120
5,2
-
1/8"
021-3215
021-3210
021-3225
021-3220
5,2
-
4
021-3315
021-3310
021-3325
021-3320
7,0
3,2
6
021-3415
021-3410
021-3425
021-3420
7,0
3,2
1/4"
021-3515
021-3510
021-3525
021-3520
Knob ø 14,5 mm
packing unit: 100 pieces
17
16
a
17
16
a
4mm ø
> 4mm ø
Knob
packing unit: 100 pieces
ø 14.5
3
Wing knob
3.8
1
Cap
packing unit: 100 pieces
Surface
grey
black
red
blue
yellow
green
matt
041-3015
041-3025
041-3035
041-3045
041-3055
041-3065
glossy
041-3010
041-3020
041-3030
041-3040
041-3050
041-3060
ø 14.5
0.9
Pointer
packing unit: 100 pieces
without line
with line
with line
without line
with line
without line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com