Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

040-4635 Datasheet(PDF) 8 Page - Elma Electronic Ltd

Part # 040-4635
Description  Classic Collet Knobs and Accessories
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

040-4635 Datasheet(HTML) 8 Page - Elma Electronic Ltd

Back Button 040-4635 Datasheet HTML 4Page - Elma Electronic Ltd 040-4635 Datasheet HTML 5Page - Elma Electronic Ltd 040-4635 Datasheet HTML 6Page - Elma Electronic Ltd 040-4635 Datasheet HTML 7Page - Elma Electronic Ltd 040-4635 Datasheet HTML 8Page - Elma Electronic Ltd 040-4635 Datasheet HTML 9Page - Elma Electronic Ltd 040-4635 Datasheet HTML 10Page - Elma Electronic Ltd 040-4635 Datasheet HTML 11Page - Elma Electronic Ltd 040-4635 Datasheet HTML 12Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
41
Marking
ø 36 mm
042-4000 042-4100 042-4200 042-4300 042-4400 042-4700 042-4900 042-4901 042-4800 042-4802
ø 44 mm
042-4010 -
-
-
-
-
-
-
-
-
ø 53 mm
042-4020 -
-
-
-
-
-
-
-
-
ø16.5
ø36
ø36
7.5
ø 13.7
ø2
ø 10.2
Maketing
Pointer dial
Stator
Marking
Surface
grey
black
red
matt
042-4915
042-4925
042-4935
glossy
042-4910
042-4920
042-4930
packing unit: 100 pieces
Figure dial (same dimension as pointer dial)
with line, grey: glossy
30° black: glossy
15° black: glossy
043-4110
043-4220
043-4230
packing unit: 100 pieces
Marking
packing unit: 100 pieces
30
°
0–11
0
1
11
–
–
30
°
1–12
1
2
12
36
°
0–9
0
1
9
36
°
1–10
1
2
10
–
–
–
–
27,7
°
1–13
1
2
13
15
°
1–24
1
2
3
23
24
15
°
0–23
0
1
2
22
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com