Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA2416 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA2416
Description  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 2Page - STMicroelectronics STA2416 Datasheet HTML 3Page - STMicroelectronics STA2416 Datasheet HTML 4Page - STMicroelectronics STA2416 Datasheet HTML 5Page - STMicroelectronics STA2416 Datasheet HTML 6Page - STMicroelectronics STA2416 Datasheet HTML 7Page - STMicroelectronics STA2416 Datasheet HTML 8Page - STMicroelectronics STA2416 Datasheet HTML 9Page - STMicroelectronics STA2416 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Application features
STA2416
6/38
1
Application features
Typical applications in which the STA2416 can be used are:
●
cable replacement
●
portable computers, PDA
●
handheld data transfer devices
●
computer peripherals
●
other type of devices that require the wireless communication provided by Bluetooth™
●
SW host for STLC2500x ST single chip
●
audio application includes:
–
headset
–
headphone
–
wireless speakers
–
wireless transmitter
2
Description
The STA2416 from STMicroelectronics is a Bluetooth™ baseband controller with integrated
4-Mbit flash memory. Together with a Bluetooth™ Radio this product offers a compact and
complete solution for short-range wireless connectivity. It incorporates all the lower layer
functions of the Bluetooth™ protocol.
The microcontroller allows the support of all data packets of Bluetooth™ in addition to voice.
The embedded controller can be used to run the Bluetooth™ protocol and application layers
if required. The software is located in the integrated flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com