Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA2416 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA2416
Description  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA2416 Datasheet HTML 3Page - STMicroelectronics STA2416 Datasheet HTML 4Page - STMicroelectronics STA2416 Datasheet HTML 5Page - STMicroelectronics STA2416 Datasheet HTML 6Page - STMicroelectronics STA2416 Datasheet HTML 7Page - STMicroelectronics STA2416 Datasheet HTML 8Page - STMicroelectronics STA2416 Datasheet HTML 9Page - STMicroelectronics STA2416 Datasheet HTML 10Page - STMicroelectronics STA2416 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
STA2416
Block diagram and pins description
7/38
3
Block diagram and pins description
3.1
Block diagram
Figure 1.
Block diagram
RADIO
I/F
BLUETOOTH
CORE
ARM7
TDMI
APB
BRIDGE
INTERRUPT
CONTROLLER
TIMER
START
DETECT
UART
FIFO
SYSTEM
CONTROL
EMI
DATA(0..15)
ADDR(0..19)
CSN(0)
WRN
RDN
NW
NG
NE
ADDR(1..18)
DATA(0..15)
4Mbit
FLASH
UART
UART
100nF
100nF
22pF
Y2
32kHz
(*) If a low-power clock is available, it can be connected to the LPOCLKP pin in stead of using a crystal
(**) For device testing only (should not be connected in the application.
22pF
GPIO
BOOT
ROM
D
M
A
RAM
LPO
13
4
RF BUS
PCM
EXT._INT1/2
USB
I2C
SPI
GPIO(0..9)(11...15)
UART2
UART1
VDD
NRESET
SYS_CLK_REQ
LPOCLKP
LPOCLKN
VDDPLL
SPI
I2C
USB
PCM
2
2
4
1
5
JTAG
XIN
BOOT
CSN(1..2)
RDN/NG
NRP
NWP
CSN(0)
NE
ADDR
(0,2,17,18,19)
DATA(0..15)
2
1
1
1
20
18
16
16
15
8
2
2
2
1
1
5
D05AU1623
VDD
100nF
VDDIO
100nF
VDDIO
100nF
VDD
(*)
(**)
16
LPOCLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com