Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA2416 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA2416
Description  Bluetooth??Baseband with integrated flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2416 Datasheet(HTML) 1 Page - STMicroelectronics

  STA2416 Datasheet HTML 1Page - STMicroelectronics STA2416 Datasheet HTML 2Page - STMicroelectronics STA2416 Datasheet HTML 3Page - STMicroelectronics STA2416 Datasheet HTML 4Page - STMicroelectronics STA2416 Datasheet HTML 5Page - STMicroelectronics STA2416 Datasheet HTML 6Page - STMicroelectronics STA2416 Datasheet HTML 7Page - STMicroelectronics STA2416 Datasheet HTML 8Page - STMicroelectronics STA2416 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Target Specification
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
December 2006
Rev 1
1/38
1
STA2416
Bluetooth™ Baseband with integrated flash
Features
■ Bluetooth™ specification compliance: V1.1
and V1.2
■ SW compatible with STLC2416
■ 2 layer class 4 PCB compatible
– Point-to-point, point-to-multi-point (up to 7
slaves) and scatternet capability
■ Asynchronous connection oriented (ACL)
logical transport link
■ Synchronous connection oriented (SCO) links:
2 simultaneous SCO channels
■ Supports pitch-period error concealment
(PPEC)
– Improves speech quality in the vicinity of
interference
– Improves coexistence with WLAN
– Works at receiver, no Bluetooth implication
■ Adaptive frequency hopping (AFH): hopping
kernel, channel assessment as master and as
slave
■ Faster connection: interlaced scan for page
and inquiry scan, first FHS without random
backoff, RSSI used to limit range
■ Extended SCO (eSCO) links
■ Standard BlueRF bus interface
■ QoS flush
■ Clock support
– System clock input: any integer value from
12 to 33 MHz
– LPO clock input at 3.2 and 32 kHz or via
the embedded 32 kHz crystal oscillator cell
■ ARM7TDMI 32-bit CPU
■ Memory
– Integrated 4 Mbit flash
– 64 KByte on-chip RAM
– 4 KByte on-chip boot ROM
■ Low power architecture with sleep mode
■ HW support for packet types
– ACL: DM1, 3, 5 and DH1, 3, 5
– SCO: HV1, 3 and DV
–eSCO: EV3, 5
■ Communication interfaces
– Synchronous serial interface, supporting up
to 32-bit data
– Two enhanced 16550 UARTs with 128-byte
FIFO depth
– 12 Mbps USB interface
– Fast master I2C bus interface
– Multi slot PCM interface
– 15 programmable GPIOs
– 2 external interrupts and various interrupt
possibilities through other interfaces
■ 32 KHz clock out
■ Efficient support for WLAN coexistence
■ Ciphering support for up to 128-bit key
■ Receiver signal strength indication (RSSI)
support for power-controlled links
■ Separate control for external power amplifier
(PA) for class1 power support
■ Software support: low level (up to HCI) stack or
embedded stack with profiles
– Support of UART and USB HCI transport
layers
LFBGA120 (10x10x1.4mm)
Part number
Package
Packing
STA2416
LFBGA120 (10x10x1.4mm)
Tube
www.st.com


Similar Part No. - STA2416

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA240 STMICROELECTRONICS-STA240 Datasheet
116Kb / 6P
Sirius SDARS channel, service & source decoder
18-Jun-2007
More results

Similar Description - STA2416

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC2410B STMICROELECTRONICS-STLC2410B Datasheet
305Kb / 20P
BLUETOOTH BASEBAND
Rev. 2.0
logo
NXP Semiconductors
PCF87852 PHILIPS-PCF87852 Datasheet
73Kb / 12P
Bluetooth baseband controller
Rev. 01-23 April 2004
logo
STMicroelectronics
STLC2415 STMICROELECTRONICS-STLC2415 Datasheet
181Kb / 22P
BLUETOOTH BASEBAND WITH INTEGRATED FLASH
Rev. 2
STLC2411 STMICROELECTRONICS-STLC2411 Datasheet
216Kb / 25P
BLUETOOTH BASEBAND
REV. 1
STLC2416 STMICROELECTRONICS-STLC2416 Datasheet
251Kb / 27P
BLUETOOTH BASEBAND WITH INTEGRATED FLASH
Jun-2004
logo
List of Unclassifed Man...
IS1002 ETC1-IS1002 Datasheet
84Kb / 13P
Bluetooth Baseband Controller
logo
OKI electronic componet...
ML70511LA OKI-ML70511LA Datasheet
156Kb / 26P
Bluetooth Baseband Controller IC
ML7051LA OKI-ML7051LA Datasheet
164Kb / 24P
Bluetooth Baseband Controller IC
ML7055 OKI-ML7055 Datasheet
343Kb / 30P
Bluetooth Baseband Controller IC
logo
Motorola, Inc
MC71000 MOTOROLA-MC71000 Datasheet
556Kb / 32P
Bluetooth Baseband Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com