Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S32K14X Datasheet(PDF) 34 Page - NXP Semiconductors

Part # S32K14X
Description  NXP Semiconductors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K14X Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button S32K14X Datasheet HTML 30Page - NXP Semiconductors S32K14X Datasheet HTML 31Page - NXP Semiconductors S32K14X Datasheet HTML 32Page - NXP Semiconductors S32K14X Datasheet HTML 33Page - NXP Semiconductors S32K14X Datasheet HTML 34Page - NXP Semiconductors S32K14X Datasheet HTML 35Page - NXP Semiconductors S32K14X Datasheet HTML 36Page - NXP Semiconductors S32K14X Datasheet HTML 37Page - NXP Semiconductors S32K14X Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 85 page
background image
6.3.1.1 Flash timing specifications — commands
Table 23. Flash command timing specifications for S32K14x
Symbol
Description1
S32K142
S32K144
S32K146
S32K148
Typ
Max
Typ
Max
Typ
Max
Typ
Max
Unit Notes
trd1blk
Read 1 Block
execution time
32 KB flash —
—
—
—
—
—
—
—
ms
64 KB flash —
0.5
—
0.5
—
0.5
—
—
128 KB flash —
—
—
—
—
—
—
—
256 KB flash —
2
—
—
—
—
—
—
512 KB flash —
—
—
1.8
—
2
—
2
trd1sec
Read 1 Section
execution time
2 KB flash
—
75
—
75
—
75
—
75
µs
4 KB flash
—
100
—
100
—
100
—
100
tpgmchk
Program Check
execution time
—
—
95
—
95
—
95
—
100
µs
tpgm8
Program Phrase
execution time
—
90
225
90
225
90
225
90
225
µs
tersblk
Erase Flash
Block execution
time
32 KB flash —
—
—
—
—
—
—
—
ms
2
64 KB flash 30
550
30
550
30
550
—
—
128 KB flash —
—
—
—
—
—
—
—
256 KB flash 250
2125
—
—
—
—
—
—
512 KB flash —
—
250
4250
250
4250
250
4250
tersscr
Erase Flash
Sector execution
time
—
12
130
12
130
12
130
12
130
ms
2
tpgmsec1k
Program Section
execution time
(1KB flash)
—
5
—
5
—
5
—
5
—
ms
trd1all
Read 1s All
Block execution
time
—
—
2.8
—
2.3
—
5.2
—
8.2
ms
trdonce
Read Once
execution time
—
—
30
—
30
—
30
—
30
µs
tpgmonce
Program Once
execution time
—
90
—
90
—
90
—
90
—
µs
tersall
Erase All Blocks
execution time
—
250
2800
400
4900
700
10000 1400
17000 ms
2
tvfykey
Verify Backdoor
Access Key
execution time
—
—
35
—
35
—
35
—
35
µs
tersallu
Erase All Blocks
Unsecure
execution time
—
250
2800
400
4900
700
10000 1400
17000 ms
2
tpgmpart
Program
Partition for
EEPROM
execution time
32 KB
EEPROM
backup
70
—
70
—
70
—
—
—
ms
3
64 KB
EEPROM
backup
71
—
71
—
71
—
150
—
Table continues on the next page...
Memory and memory interfaces
S32K1xx Data Sheet, Rev. 11, 06/2019
34
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com