Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S32K14X Datasheet(PDF) 80 Page - NXP Semiconductors

Part # S32K14X
Description  NXP Semiconductors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K14X Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button S32K14X Datasheet HTML 76Page - NXP Semiconductors S32K14X Datasheet HTML 77Page - NXP Semiconductors S32K14X Datasheet HTML 78Page - NXP Semiconductors S32K14X Datasheet HTML 79Page - NXP Semiconductors S32K14X Datasheet HTML 80Page - NXP Semiconductors S32K14X Datasheet HTML 81Page - NXP Semiconductors S32K14X Datasheet HTML 82Page - NXP Semiconductors S32K14X Datasheet HTML 83Page - NXP Semiconductors S32K14X Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 85 page
background image
Table 43. Revision History
Rev. No.
Date
Substantial Changes
• Added footnote 'For S32K11x – FIRC/SOSC/FIRC/LPO; For S32K14x
– FIRC/SOSC/FIRC/LPO/SPLL' to 'VLPS Mode: All clock sources
disabled'
• Updated numbers for:
• VLPR → VLPS
• VLPS → VLPR
• 'RUN → Compute operation'
• RUN → VLPS
• RUN → VLPR
• In Power consumption :
• Updated specs for S32K142, S32K144, and S32K148
• Updated footnote 'Typical current numbers are indicative ...'
• Updated footnote 'The S32K148 data ...'
• Removed footnote 'Above S32K148 data is preliminary targets only'
• Added new table 'Power consumption at 3.3 V'
• In General AC specifications :
• Updated max value and footnote of WFRST
• Updated symbol for not filtered pulse to 'WNFRST', updated min value,
removed max. value, and added footnote
• Fixed naming conventions to align with DS in DC electrical specifications at
3.3 V Range and DC electrical specifications at 5.0 V Range
• Updated specs for AC electrical specifications at 3.3 V range and AC
electrical specifications at 5 V range
• In Device clock specifications :
• Updated fBUS to 48 for 11x
• Added footnote to fBUS for 14x
• In External System Oscillator frequency specifications :
• Added specs for S32K11x
• Updated 'tdc_extal' for S32K14x
• Added footnote 'Frequecies below ... ' to 'fec_extal' and 'tdc_extal'
• Splitted Flash timing specifications — commands for S32K14x and S32K11x
• Updated Flash timing specifications — commands for S32K14x
• In Reliability specifications :
• Added footnote 'Data retention period ... ' for 'tnvmretp1k' and
'tnvmretee'
• Minor update in footnote for 'nnvmwree16' 'nnvmwree256'
• In QuadSPI AC specifications :
• Updated 'MCR[SCLKCFG[5]]' value to 0
• Updated 'Data Input Setup Time' HSRUN Internal DQS PAD Loopback
value to 1.6
• Updated 'Data Input Setup Time' DDR External DQS min. value to 2
• Updated 'Data Input Hold Time' DDR External DQS min. value to 20
• Upadted figure 'QuadSPI output timing (SDR mode) diagram' and
'QuadSPI input timing (HyperRAM mode) diagram'
• In 12-bit ADC electrical characteristics :
• Added note 'On reduced pin packages where ... '
• Removed max. value of 'IDDA_ADC'
• Added note 'Due to triple ... '
• In 12-bit ADC operating conditions, removed parameter '
ΔVDDA'
• In CMP with 8-bit DAC electrical specifications :
• Updated Typ. and Max. values of 'IDDLS'
• Upadted Typ. value of 'tDHSB'
• Updated Typ. value of 'VHYST1' , 'VHYST2', and 'VHYST3'
• In LPSPI electrical specifications :
• Updated 'fperiph' and 'fop', and 'tSPSCK'
Table continues on the next page...
Revision History
S32K1xx Data Sheet, Rev. 11, 06/2019
80
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com