Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S32K14X Datasheet(PDF) 8 Page - NXP Semiconductors

Part # S32K14X
Description  NXP Semiconductors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K14X Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button S32K14X Datasheet HTML 4Page - NXP Semiconductors S32K14X Datasheet HTML 5Page - NXP Semiconductors S32K14X Datasheet HTML 6Page - NXP Semiconductors S32K14X Datasheet HTML 7Page - NXP Semiconductors S32K14X Datasheet HTML 8Page - NXP Semiconductors S32K14X Datasheet HTML 9Page - NXP Semiconductors S32K14X Datasheet HTML 10Page - NXP Semiconductors S32K14X Datasheet HTML 11Page - NXP Semiconductors S32K14X Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
3.2 Ordering information
F/P S32 K 1 0 0 X Y T0 M LH R
Product status
Product type/brand
Product line
Series/Family
(including generation)
Core platform/
Performance
Memory size
Ordering option 1: Letter
Ordering option 2: Letter
Wafer Fab and
revision
Temperature
Package
Tape and Reel
Product status
P: Prototype
F: Qualified
Product type/brand
S32: Automotive 32-bit MCU
Product line
K: Arm Cortex MCUs
Series/Family
1: 1st product series
2: 2nd product series
Core platform/Performance
1: Arm Cortex M0+
4: Arm Cortex M4F
Memory size
S32K11x
2
4
6
8
S32K14x
256K 512K
128K
1M
256K
2M
Ordering option
X: Speed
B: 48 MHz without DMA (S32K11x only)
L: 48 MHz with DMA (S32K11x only)
H: 80 MHz
U1: 112 MHz (Not valid with M temperature/125C)
Y: Optional feature
V: NFC Stack License
F: CAN FD, FlexIO
A1: CAN FD, FlexIO, Security
X1: CAN FD, FlexIO, Security with NFC Stack License
E: Ethernet, Serial Audio Interface (S32K148 only)
J1: Ethernet, Serial Audio Interface, CAN FD,
FlexIO, Security (S32K148 only)
I: ISELED, FlexIO
L1: ISELED, CAN FD, FlexIO, Security
G1: ISELED, Ethernet, Serial Audio Interface, CAN FD,
FlexIO, Security (S32K148 only)
Wafer Fab and Mask revision identifier
Tx: Wafer Fab identifier
x0: Mask Revision identifier
Temperature
V: -40C to 105C
M: -40C to 125C
Tape and Reel
T: Trays/Tubes
R: Tape and Reel
Package
LQFP
32
FM
Pins
QFN
BGA
48
64
100
144
176
LL
LF
LH
LQ
LU
MH
-
-
-
-
-
-
-
-
-
-
-
1. CSEc (Security) or EEPROM writes/erase will trigger error flags in HSRUN mode (112 MHz) because this use case is not allowed to
execute simultaneously. The device will need to switch to RUN mode (80 MHz) to execute CSEc (Security) or EEPROM writes/erase.
2. Part numbers no longer offered as standard include:
Ordering Option X
M: 64MHz
Ordering Option Y
N: limited RAM. 16KB for K142, 48KB for K144, 96KB for K146, 192KB for K148
R: Basic feature set
S: Security
B: CAN FD, FlexIO, limited RAM (S32K14x only)
C: CAN FD, FlexIO, Security, limited RAM (S32K14x only)
Temperature
C: -40C to 85C
NOTE
Not all part number combinations are available. See S32K1xx_Orderable_Part_Number_List.xlsx
attached with the Datasheet for list of standard orderable parts.
Figure 4. Ordering information
Ordering information
S32K1xx Data Sheet, Rev. 11, 06/2019
8
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com