Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC7820Y/2K Datasheet(PDF) 25 Page - Texas Instruments

Part # AMC7820Y/2K
Description  ANALOG MONITORING AND CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7820Y/2K Datasheet(HTML) 25 Page - Texas Instruments

Back Button AMC7820Y/2K Datasheet HTML 21Page - Texas Instruments AMC7820Y/2K Datasheet HTML 22Page - Texas Instruments AMC7820Y/2K Datasheet HTML 23Page - Texas Instruments AMC7820Y/2K Datasheet HTML 24Page - Texas Instruments AMC7820Y/2K Datasheet HTML 25Page - Texas Instruments AMC7820Y/2K Datasheet HTML 26Page - Texas Instruments AMC7820Y/2K Datasheet HTML 27Page - Texas Instruments AMC7820Y/2K Datasheet HTML 28Page - Texas Instruments AMC7820Y/2K Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
AMC7820
SBAS231B
www.ti.com
25
SW1/SW2
SW1/SW2
1
0
OPERATION
0
0
Invalid—a write of this value will not result in any change to the bit values stored in the register.
0
1
Enable (the normal operating mode). SW1 connects to DAC2, and SW2 connects to the output of OPA7.
1
0
Disable (condition after power-up or reset). SW1 connects to ground, and SW2 connects to SW3.
1
1
Invalid—a write of this value will not result in any change to the bit values stored in the register.
TABLE V. Shutdown Bit Patterns.
The default state of this register upon power-up or reset is such that both SW1 and SW2 are disabled (0x000A). The logic level
of signal SW1_DISABLE is HIGH when switch SW1 is disabled, and LOW when SW1 is enabled. The logic level of signal
SW2_DISABLE is HIGH when switch SW2 is disabled, and LOW when SW2 is enabled.
AMC7820 RESET REGISTER
The AMC7820 has a special register, the RESET register, which acts like the RESET pin of the device. Writing the code
0xXBB3, as shown below, to this register will cause the AMC7820 to perform a software reset. Note that only the lower 12 bits
have significance for this reset function.
POL1
POL0
OPERATION
0
0
Invalid—a write of this value will not result in any change to the bit values stored in the register.
0
1
Bipolar Mode. SW3 is positioned to 2.5V. (Condition after power-up or reset.)
1
0
Unipolar Mode. SW3 is positioned to AGND.
1
1
Invalid—a write of this value will not result in any change to the bit values stored in the register.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MSB
LSB
X
X
X
X
1
01
11
011
0
0
1
1
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MSB
LSB
X
X
X
X
X
X
X
X
X
X
X
RSTC
POL1
POL0
TS1
TS0
TS1
TS0
OPERATION
0
0
SOFT_START_CTR is LOW (“0”). TEC SOFT_START_CONTROLLER is disabled regardless of the status of SW2.
0
1
SOFT_START_CTR is HIGH (“1”). TEC SOFT_START_CONTROLLER is enabled if SW2 is disabled (SW2_DISABLE = HIGH (“1”))
(Condition after power-up or reset.)
1
0
SOFT_START_CTR is LOW (“0”). TEC SOFT_START_CONTROLLER is disabled regardless of the status of SW2.
1
1
Invalid—a write of this value will not result in any change to the status of SOFT_START_CTR.
where,
x = Don’t Care.
Writing any other values to this register will do nothing. Upon reset, this register is set to all zeros. Therefore, reading this register
should always result in reading back 0x0000.
AMC7820 CONFIGURATION/STATUS REGISTER
AMC7820 can be configured to control bidirectional TEC and single direction TEC by properly setting SW3 and
TEC_SOFT_START_CONTROLLER. This is accomplished by writing a proper word into this register.
A reset status bit indicates if a reset has occurred. The register is formatted as follows:
TABLE VI. Polarity Bit Operation.
TABLE VII. TEC Soft Start Enable Bit Operation.
where,
RSTC—Reset Complete. This bit is set to “1” on power-up or reset. This bit can be cleared by writing a “0” to this location, but
it cannot be set to “1” by the host, only a reset being performed will set it to 1. This allows the host to determine if the part has
been configured after power-up, and if a reset has occurred to the AMC7820 without the host’s knowledge.
POL0 – POL1—Polarity bits that control SW3. The operation is shown in Table VI. After power-up or reset, these bits are set
to bipolar mode, and SW3 is positioned to 2.5V.
TS1 – TS0—TEC Soft Start Enable Bits, which determine the status of the signal SOFT_START_CTR. The operation is shown
in Table VII. After power-up or reset, TS1 = “0”, TS0 = “1”, SOFT_START_CTR = HIGH (“1”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com