Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS11DFIV13 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # S29GL01GS11DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS11DFIV13 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button S29GL01GS11DFIV13 Datasheet HTML 25Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 26Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 27Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 28Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 29Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 30Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 31Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 32Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 29 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
5.4.4.2
Sector Erase
The sector erase function erases one sector in the memory array. The device does not require the system to preprogram prior to
erase. The Embedded Erase algorithm automatically programs and verifies the entire sector for an all 0 data pattern prior to
electrical erase. After a successful sector erase, all locations within the erased sector contain FFFFh. The system is not required to
provide any controls or timings during these operations. The sector erase command sequence is initiated by writing two unlock
cycles, followed by a set up command. Two additional unlock write cycles are then followed by the address of the sector to be
erased, and the sector erase command. When WE# goes high, at the end of the 6th cycle, the RY/BY# goes low.
The system can determine the status of the erase operation by reading the Status Register or using Data Polling. Refer to Status
Register on page 34 for information on these status bits. Refer to Data Polling Status on page 35 for more information.
Once the sector erase operation has begun, the Status Register Read and Erase Suspend commands are valid. All other
commands are ignored. However, note that a hardware reset immediately terminates the erase operation and returns to read mode
after tRPH time. If a sector erase operation is terminated, the sector erase command sequence must be reinitiated once the device
has reset operation to ensure data integrity.
See Embedded Algorithm Controller (EAC) on page 20 for parameters and timing diagrams.
Sectors protected by the ASP DYB and PPB lock bits will not be erased. See ASP on page 14.
Figure 5.4 Sector Erase Operation
Write Unlock Cycles:
Address 555h, Data AAh
Address 2AAh, Data 55h
Write Sector Erase Cycles:
Address 555h, Data 80h
Address 555h, Data AAh
Address 2AAh, Data 55h
Sector Address, Data 30h
FAIL. Write reset command
to return to reading array.
PASS. Device returns
to reading array.
Perform Write Operation
Status Algorithm
Unlock Cycle 1
Unlock Cycle 2
Yes
Yes
No
No
Done?
Erase Error?
Command Cycle 1
Command Cycle 2
Command Cycle 3
Specify first sector for erasure
Error condition (Exceeded Timing Limits)
Status may be obtained by Status Register Polling
or Data Polling methods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com