Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS11DFIV13 Datasheet(PDF) 99 Page - Cypress Semiconductor

Part # S29GL01GS11DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS11DFIV13 Datasheet(HTML) 99 Page - Cypress Semiconductor

Back Button S29GL01GS11DFIV13 Datasheet HTML 95Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 96Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 97Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 98Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 99Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 100Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 101Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 102Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 103Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 99 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
Valid Combinations — Automotive Grade / AEC-Q100
Table 14.2 and Table 14.3 list configurations that are Automotive Grade / AEC-Q100 qualified and are planned to be available in
volume. The table will be updated as new combinations are released. Consult your local sales representative to confirm availability
of specific combinations and to check on newly released combinations.
Production Part Approval Process (PPAP) support is only provided for AEC-Q100 grade products.
Products to be used in end-use applications that require ISO/TS-16949 compliance must be AEC-Q100 grade products in
combination with PPAP. Non–AEC-Q100 grade products are not manufactured or documented in full compliance with
ISO/TS-16949 requirements.
AEC-Q100 grade products are also offered without PPAP support for end-use applications that do not require ISO/TS-16949
compliance.
Notes:
1. Additional speed, package, and temperature options maybe offered in the future. Check with your local sales representative for availability.
2. Package Type 0 is standard option.
Table 14.2 S29GL-S Valid Combinations — Automotive Grade (-40 °C to +85 °C)
S29GL-S Valid Combinations — Automotive Grade (-40 °C to +85 °C)
Base OPN
Speed
(ns)
Package and
Temperature
Model Number
Packing Type
Ordering Part Number (yy = Model
Number, x = Packing Type)
S29GL01GS
100, 110
DHA, FHA, TFA
(Note 1)
01, 02
0, 3 (Note 2)
S29GL01GS10DHAyyx
S29GL01GS10FHAyyx
S29GL01GS10TFAyyx
S29GL01GS11DHAyyx
S29GL01GS11FHAyyx
S29GL01GS11TFAyyx
110
V1, V2
S29GL01GS11DHAyyx
S29GL01GS11FHAyyx
S29GL01GS11TFAyyx
S29GL512S
100
01, 02
S29GL512S10DHAyyx
S29GL512S10FHAyyx
S29GL512S10TFAyyx
110
V1, V2
S29GL512S11DHAyyx
S29GL512S11FHAyyx
S29GL512S11TFAyyx
S29GL256S
90
01, 02
S29GL256S90DHAyyx
S29GL256S90FHAyyx
S29GL256S90TFAyyx
100
V1, V2
S29GL256S10DHAyyx
S29GL256S10FHAyyx
S29GL256S10TFAyyx
S29GL128S
90
01, 02
S29GL128S90DHAyyx
S29GL128S90FHAyyx
S29GL128S90TFAyyx
100
V1, V2
S29GL128S10DHAyyx
S29GL128S10FHAyyx
S29GL128S10TFAyyx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com