Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS11DFIV13 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # S29GL01GS11DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS11DFIV13 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button S29GL01GS11DFIV13 Datasheet HTML 12Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 13Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 14Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 15Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 16Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 17Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 18Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 19Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 16 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
3.4.6
Sector Protection States Summary
Each sector can be in one of the following protection states:
Unlocked – The sector is unprotected and protection can be changed by a simple command. The protection state defaults
to unprotected after a power cycle or hardware reset.
Dynamically Locked – A sector is protected and protection can be changed by a simple command. The protection state is
not saved across a power cycle or hardware reset.
Persistently Locked – A sector is protected and protection can only be changed if the PPB Lock Bit is set to 1. The
protection state is non-volatile and saved across a power cycle or hardware reset. Changing the protection state requires
programming or erase of the PPB bits.
3.4.7
Lock Register
The Lock Register holds the non-volatile OTP bits for controlling protection of the SSR, and determining the PPB Lock bit
management method (protection mode).
The Secure Silicon Region (SSR) protection bits must be used with caution, as once locked, there is no procedure available for
unlocking the protected portion of the Secure Silicon Region and none of the bits in the protected Secure Silicon Region memory
space can be modified in any way. Once the Secure Silicon Region area is protected, any further attempts to program in the area will
fail with status indicating the area being programmed is protected. The Region 0 Indicator Bit is located in the Lock Register at bit
location 0 and Region 1 in bit location 6.
Table 3.1 Sector Protection States
Protection Bit Values
Sector State
PPB Lock
PPB
DYB
1
1
1
Unprotected - PPB and DYB are changeable
1
1
0
Protected - PPB and DYB are changeable
1
0
1
Protected - PPB and DYB are changeable
1
0
0
Protected - PPB and DYB are changeable
0
1
1
Unprotected - PPB not changeable, DYB is changeable
0
1
0
Protected - PPB not changeable, DYB is changeable
0
0
1
Protected - PPB not changeable, DYB is changeable
0
0
0
Protected - PPB not changeable, DYB is changeable
Table 3.2 Lock Register
Bit
Default Value
Name
15-9
1
Reserved
8
0
Reserved
7
X
Reserved
6
1
SSR Region 1 (Customer) Lock Bit
5
1
Reserved
4
1
Reserved
3
1
Reserved
2
1
Password Protection Mode Lock Bit
1
1
Persistent Protection Mode Lock Bit
0
0
SSR Region 0 (Factory) Lock Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com