Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS11DFIV13 Datasheet(PDF) 101 Page - Cypress Semiconductor

Part # S29GL01GS11DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS11DFIV13 Datasheet(HTML) 101 Page - Cypress Semiconductor

Back Button S29GL01GS11DFIV13 Datasheet HTML 97Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 98Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 99Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 100Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 101Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 102Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 103Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 104Page - Cypress Semiconductor S29GL01GS11DFIV13 Datasheet HTML 105Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 101 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
The ordering part number for the General Market device is formed by a valid combination of the following:
Note:
1. Halogen-free definition is in accordance with IEC 61249-2-21 specification.
S29GL01GS
10
D
H
I
01
0
Packing Type
0 = Tray
3 = 13” Tape and Reel
Model Number (VIO and VCC Range)
01 = VIO = VCC = 2.7 to 3.6V, highest address sector protected
02 = VIO = VCC = 2.7 to 3.6V, lowest address sector protected
V1 = VIO = 1.65 to VCC, VCC = 2.7 to 3.6V, highest address sector protected
V2 = VIO = 1.65 to VCC, VCC = 2.7 to 3.6V, lowest address sector protected
Temperature Range / Grade
I = Industrial (-40 °C to +85 °C)
V = Industrial Plus (-40 °C to +105 °C)
A = Automotive, AEC-Q100 Grade 3 (-40 °C to +85 °C)
B = Automotive, AEC-Q100 Grade 2 (-40 °C to +105 °C)
Package Materials Set
A = Leaded (Sn/Pb) balls - BGA only
F = Halogen-free, Lead (Pb)-free (1)
H = Halogen-free, Lead (Pb)-free (1)
Package Type
D = Fortified Ball-Grid Array Package (LAE064) 9 mm x 9 mm
F = Fortified Ball-Grid Array Package (LAA064) 13 mm x 11 mm
G = Fortified Ball-Grid Array Package (VBU056) 9 mm x 7 mm
S = 70-pin Shrink Small Outline Package
T = Thin Small Outline Package (TSOP) Standard Pinout
Speed Option
90 = 90 ns random access time
10 = 100 ns random access time
11 = 110 ns random access time
12 = 120 ns random access time
Device Number/Description
S29GL01GS, S29GL512S, S29GL256S, S29GL128S
3.0 Volt Core, with VIO Option, 1024, 512, 256, 128 Megabit Page-Mode Flash Memory,
Manufactured on 65 nm MirrorBit Eclipse Process Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com