Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDAM120 Datasheet(PDF) 7 Page - TT Electronics.

Part # PDAM120
Description  PDAM120 Series 120W Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PDAM120 Datasheet(HTML) 7 Page - TT Electronics.

  PDAM120 Datasheet HTML 1Page - TT Electronics. PDAM120 Datasheet HTML 2Page - TT Electronics. PDAM120 Datasheet HTML 3Page - TT Electronics. PDAM120 Datasheet HTML 4Page - TT Electronics. PDAM120 Datasheet HTML 5Page - TT Electronics. PDAM120 Datasheet HTML 6Page - TT Electronics. PDAM120 Datasheet HTML 7Page - TT Electronics. PDAM120 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© TT Electronics plc
General Note
All data sheets are subject to change without notice.
ISS.1 22/07/2020 Page: 7
TT Electronics | Power Partners, Inc
43 Broad Street Suite B206, Hudson, MA 01749, USA. t: +1 (978) 567-9600
Pin #
Function
1
AC Input (N)
2
No Pin
3
AC Input (L)
4
DC+ Output
5
DC+ Output
6
DC Return
7
DC Return
8
Protective Earth
Notes (continued from fourth page):
11. Do not screw more than 2.5mm deep into threads of base plate for U-Channel or
Enclosed models.
12. Headers on all models
as seen below. Use mates or equivalent.
Mechanical Drawing & Pin-out (U-Channel Models)
JST
ALEX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com