Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDAM120 Datasheet(PDF) 3 Page - TT Electronics.

Part # PDAM120
Description  PDAM120 Series 120W Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PDAM120 Datasheet(HTML) 3 Page - TT Electronics.

  PDAM120 Datasheet HTML 1Page - TT Electronics. PDAM120 Datasheet HTML 2Page - TT Electronics. PDAM120 Datasheet HTML 3Page - TT Electronics. PDAM120 Datasheet HTML 4Page - TT Electronics. PDAM120 Datasheet HTML 5Page - TT Electronics. PDAM120 Datasheet HTML 6Page - TT Electronics. PDAM120 Datasheet HTML 7Page - TT Electronics. PDAM120 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© TT Electronics plc
General Note
All data sheets are subject to change without notice.
ISS.1 22/07/2020 Page: 3
TT Electronics | Power Partners, Inc
43 Broad Street Suite B206, Hudson, MA 01749, USA. t: +1 (978) 567-9600
Specifications Continued
Output Specifications
Total Output Power
120W with 10CFM Forced Air
100W Convection Only
2
Output Voltage
See models and ratings table.
Hold Up Time
10mS minimum
Efficiency
Up to 91%. See models and ratings table.
Line Regulation
±1%
Voltage Adjustability
±4%
Setpoint accuracy
±2%
Minimum Load
No Minimum Load
Protection Features
Over Voltage Protection
Latch off
Overtemperature
Latch off
Over Current Protection
Hiccup Mode. OCP Threshold typically 150%.
Short Circuit
Hiccup Mode
Environmental Specifications
Operating Temperature
-30ºC to +70ºC
6
Storage Temperature
-30ºC to +85ºC
Operating Humidity
20% - 90% RH
Operating Altitude
<5000m
MTBF
>250K hours per MIL-HDBK-217F at full load and 25ºC ambient
Physical Specifications
Dimensions
3.04”L x 2”W x 1.31”H Typical
7
Weight
6.4oz Typical.
NOTES:
6.
See derating curves for operation above 50°C
7.
Dimensions given are those of PCB.
I/O conductors extend slightly beyond PCB edge.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com