Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDAM120 Datasheet(PDF) 2 Page - TT Electronics.

Part # PDAM120
Description  PDAM120 Series 120W Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PDAM120 Datasheet(HTML) 2 Page - TT Electronics.

  PDAM120 Datasheet HTML 1Page - TT Electronics. PDAM120 Datasheet HTML 2Page - TT Electronics. PDAM120 Datasheet HTML 3Page - TT Electronics. PDAM120 Datasheet HTML 4Page - TT Electronics. PDAM120 Datasheet HTML 5Page - TT Electronics. PDAM120 Datasheet HTML 6Page - TT Electronics. PDAM120 Datasheet HTML 7Page - TT Electronics. PDAM120 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© TT Electronics plc
General Note
All data sheets are subject to change without notice.
ISS.1 22/07/2020 Page: 2
TT Electronics | Power Partners, Inc
43 Broad Street Suite B206, Hudson, MA 01749, USA. t: +1 (978) 567-9600
Specifications
Safety Standards & EMC Specifications
Safety Standards Approved to USA/Canada
UL60601-1—1.3.1 Edition
UL62368-1 (Pending)
Safety Standards Approved to Europe
IEC/EN 60601-1 3
rd Edition, CB Report
EN62368-1 (Pending)
EMI Standard
EN55011 Class B conducted, class A radiated
EMC Performance
EN61000-3-2: Harmonic distortion, class A
EN61000-3-3: Line flicker
EN61000-4-2: ESD, ±15 KV air and ±8 KV contact
EN61000-4-3: Radiated immunity, 10 V/m
EN61000-4-4: Fast transient/burst, ±2 KV
EN61000-4-5: Surge, ±1 KV diff., ±2 KV com
EN61000-4-6: Conducted immunity, 10 Vrms
EN61000-4-8: Magnetic field immunity, 30 A/m
EN61000-4-11: Voltage dip immunity, 30% reduction for 500 ms,
100% reduction for 10 ms
*Consult with TT Electronics for information on additional country safety approvals
Isolation
Input to Output
4000VAC / 5656VDC
4 (2 x MOPP)
Input to Ground
2000VAC / 2828VDC
4 (1 x MOPP)
Output to Ground
1500VAC / 2121VDC
4 (1 x MOPP)
Touch Current
<100µA max. @ 264VAC
Input Specifications
Input Voltage Range
90 to 264 VAC
5
Input Frequency Range
47 to 63Hz
Input Current
2A max @ 115VAC; 1A max @ 230VAC
Inrush Current
45A max @ 115VAC; 90A max @ 230 VAC
No Load Power Consumption
<300mW
Power Factor
>0.9 @ 240VDC and 120VDC
NOTES:
4.
Derate convection only output power by 10% for U-Channel models.
Derate convection only output power by 15% for Enclosed models.
5.
Derate output power by 0.8%/V below 115VAC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com