Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM1894MX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM1894MX/NOPB
Description  LM1894 Dynamic Noise Reduction System DNR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM1894MX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM1894MX/NOPB Datasheet HTML 1Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 2Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 3Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 4Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 5Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 6Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 7Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 8Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LM1894
www.ti.com
SNAS551C – DECEMBER 1994 – REVISED APRIL 2013
Electrical Characteristics
VS = 8V, TA = 25°C, VIN = 300 mV at 1 kHz, circuit shown in Figure 1 unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Operating Supply Range
4.5
8
18
V
Supply Current
VS = 8V
17
30
mA
MAIN SIGNAL PATH
Voltage Gain
DC Ground Pin 9(1)
−0.9
−1
−1.1
V/V
DC Output Voltage
3.7
4.0
4.3
V
Channel Balance
DC Ground Pin 9
−1.0
1.0
dB
Minimum Balance
AC Ground Pin 9 with 0.1
675
965
1400
Hz
μFCapacitor(1)
Maximum Bandwidth
DC Ground Pin 9(1)
27
34
46
kHz
Effective Noise Reduction
CCIR/ARM Weighted(2)
−10
−14
dB
Total Harmonic Distortion
DC Ground Pin 9
0.05
0.1
%
Input Headroom
Maximum VIN for 3% THD
1.0
Vrms
AC Ground Pin 9
Output Headroom
Maximum VOUT for 3% THD
VS − 1.5
Vp-p
DC Ground Pin 9
Signal to Noise
BW = 20 Hz–20 kHz, re 300 mV
AC Ground Pin 9
79
dB
DC Ground Pin 9
77
dB
CCIR/ARM Weighted re 300 mV(3)
AC Ground Pin 9
82
88
dB
DC Ground Pin 9
70
76
dB
CCIR Peak, re 300 mV(4)
AC Ground Pin 9
77
dB
DC Ground Pin 9
64
dB
Input Impedance
Pin 2 and Pin 13
14
20
26
k
Ω
Channel Separation
DC Ground Pin 9
−50
−70
dB
Power Supply Rejection
C14 = 100
μF,
VRIPPLE = 500 mVrms,
−40
−56
dB
f = 1 kHz
Output DC Shift
Reference DVM to Pin 14 and
Measuree Output DC Shift from
4.0
20
mV
Minimum to Maximum Band-width(5)
(1)
To force the DNR system into maximum bandwidth, DC ground the input to the peak detector, pin 9. A negative temperature coefficient
of
−0.5%/°C on the bandwidth, reduces the maximum bandwidth at increased ambient temperature or higher package dissipation. AC
ground pin 9 or pin 6 to select minimum bandwidth. To change minimum and maximum bandwidth, see Application Hints.
(2)
The maximum noise reduction CCIR/ARM weighted is about 14 dB. This is accomplished by changing the bandwidth from maximum to
minimum. In actual operation, minimum bandwidth is not selected, a nominal minimum bandwidth of about 2 kHz gives
−10 dB of noise
reduction. See Application Hints.
(3)
The CCIR/ARM weighted noise is measured with a 40 dB gain amplifier between the DNR system and the CCIR weighting filter; it is
then input referred.
(4)
Measured using the Rhode-Schwartz psophometer.
(5)
Pin 10 is DC forced half way between the maximum bandwidth DC level and minimum bandwidth DC level. An AC 1 kHz signal is then
applied to pin 10. Its peak-to-peak amplitude is VDC (max BW) − VDC (min BW).
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM1894



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com