Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM1894MX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM1894MX/NOPB
Description  LM1894 Dynamic Noise Reduction System DNR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM1894MX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM1894MX/NOPB Datasheet HTML 6Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 7Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 8Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 9Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 10Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 11Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 12Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 13Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LM1894
SNAS551C – DECEMBER 1994 – REVISED APRIL 2013
www.ti.com
APPLICATION HINTS
The DNR system should always be placed before tone and volume controls as shown in Figure 1. This is
because any adjustment of these controls would alter the noise floor seen by the DNR control path. The
sensitivity resistors R1 and R2 may need to be switched with the input selector, depending on the noise floors of
different sources, i.e., tape, FM, phono. To determine the value of R1 and R2 in a tape system for instance;
apply tape noise (no program material) and adjust the ratio of R1 and R2 to open slightly the bandwidth of the
main signal path. This can easily be done by viewing the capacitor voltage of pin 10 with an oscilloscope, or by
using the circuit of Figure 14. This circuit gives an LED display of the voltage on the peak detector capacitor.
Adjust the values of R1 and R2 (their sum is always 1 k
Ω) to light the LEDs of pin 1 and pin 18. The LED bar
graph does not indicate signal level, but rather instantaneous bandwidth of the two filters; it should not be used
as a signal-level indicator. For greater flexibility in setting the bandwidth sensitivity, R1 and R2 could be replaced
by a 1 k
Ω potentiometer.
To change the minimum and maximum value of bandwidth, the integrating capacitors, C3 and C12, can be
scaled up or down. Since the bandwidth is inversely proportional to the capacitance, changing this 0.0039
μF
capacitor to 0.0033
μF will change the typical bandwidth from 965 Hz–34 kHz to 1.1 kHz–40 kHz. With C3 and
C12 set at 0.0033
μF, the maximum bandwidth is typically 34 kHz. A double pole double throw switch can be
used to completely bypass DNR.
The capacitor on pin 10 in conjunction with internal resistors sets the attack and decay times. The attack time
can be altered by changing the size of C10. Decay times can be decreased by paralleling a resistor with C10,
and increased by increasing the value of C10.
When measuring the amount of noise reduction of the DNR system, the frequency response of the cassette
should be flat to 10 kHz. The CCIR weighting network has substantial gain to 8 kHz and any additional roll-off in
the cassette player will reduce the benefits of DNR noise reduction. A typical signal-to-noise measurement circuit
is shown in Figure 15. The DNR system should be switched from maximum bandwidth to nominal bandwidth with
tape noise as a signal source. The reduction in measured noise is the signal-to-noise ratio improvement.
Figure 14. Bar Graph Display of Peak Detector Voltage
10
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LM1894



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com