Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM1894MX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM1894MX/NOPB
Description  LM1894 Dynamic Noise Reduction System DNR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM1894MX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM1894MX/NOPB Datasheet HTML 1Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 2Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 3Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 4Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 5Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 6Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 7Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 8Page - Texas Instruments LM1894MX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LM1894
SNAS551C – DECEMBER 1994 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics (continued)
VS = 8V, TA = 25°C, VIN = 300 mV at 1 kHz, circuit shown in Figure 1 unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
CONTROL SIGNAL PATH
Summing Amplifier Voltage Gain
Both Channels Driven
0.9
1
1.1
V/V
Gain Amplifier Input Impedance
Pin 6
24
30
39
k
Ω
Voltage Gain
Pin 6 to Pin 8
21.5
24
26.5
V/V
Peak Detector Input Impedance
Pin 9
560
700
840
Ω
Voltage Gain
Pin 9 to Pin 10
30
33
36
V/V
Attack Time
Measured to 90% of Final Value with
300
500
700
μs
10 kHz Tone Burst
Decay Time
Measured to 90% of Final Value with
60
45
75
ms
10 kHz Tone Burst
DC Voltage Range
Minimum Bandwidth to Maximum
1.1
3.8
V
Bandwidth
4
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LM1894



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com