Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5115AMTX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5115AMTX/NOPB
Description  LM5115A Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down Tracking
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5115AMTX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5115AMTX/NOPB Datasheet HTML 3Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 4Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 5Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 6Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 7Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 8Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 9Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 10Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
100
1K
10K
100K
1M
FREQUENCY (Hz)
0
5
10
15
20
25
-70
-55
-40
-25
-10
5
Gain
Phase
16 V/V
Offset 1.27V
-20
-10
0
10
20
30
40
50
60
VCL (mV)
0
0.5
1
1.5
2
2.5
VOUT = 6V
0
2
4
6
8
10
12
14
16
VBIAS (V)
0
2
4
6
8
10
12
14
16
VBIAS
VCC
0
1
2
3
4
5
6
7
LOAD (A)
82
84
86
88
90
92
94
96
98
100
Vphase = 6V
Vphase = 8V
Vphase = 12V
LM5115A
www.ti.com
SNVS467B – DECEMBER 2006 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS
VCC Regulator Start-up Characteristics, VCC
Efficiency vs. Load Current and Vphase
vs.
(VOUT = 2.5V)
VBIAS
Figure 3.
Figure 4.
Current Value (CV)
Current Sense Amplifier Gain and Phase
vs.
vs.
Current Limit (VCL)
Frequency
Figure 5.
Figure 6.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5115A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com