Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5115AMTX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5115AMTX/NOPB
Description  LM5115A Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down Tracking
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5115AMTX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM5115AMTX/NOPB Datasheet HTML 1Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 2Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 3Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 4Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 5Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 6Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 7Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 8Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
VBIAS
FB
AGND
COMP
Sync
VCC
TRK/SS
HB
HO
HS
LO
PGND
VOUT
CO
CS
RAMP
LM5115A
+12V
RS
FEEDBACK
Main Converter
PWM Controller
INPUT
Phase Signal
3.3V
Main
Auxiliary
Output
2.5V
Main
Output
3.3V
LM5115A
www.ti.com
SNVS467B – DECEMBER 2006 – REVISED MARCH 2013
LM5115A Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down
Tracking
Check for Samples: LM5115A
1
FEATURES
DESCRIPTION
The LM5115A controller contains all of the features
2
•
Power-up/Power-down Tracking
necessary to produce multiple tracking outputs using
•
Self-synchronization to Main Channel Output
the
Secondary
Side
Post
Regulation
(SSPR)
•
Leading Edge Pulse Width Modulation
technique. The SSPR technique develops a highly
efficient and well regulated auxiliary output from the
•
Valley Current Mode Control
secondary side switching waveform of an isolated
•
Standalone DC/DC Synchronous Buck Mode
power converter. LM5115A can be also used as a
•
Operates from AC or DC Input up to 75V
standalone
DC/DC
synchronous
buck
controller
(Refer to Standalone DC/DC Synchronous Buck
•
Wide 4.5V to 30V Bias Supply Range
Mode section). Regulation of the auxiliary output
•
Wide 0.75V to 13.5V Output Range.
voltage is achieved by leading edge pulse width
•
Top and Bottom Gate Drivers Sink 2.5A Peak
modulation (PWM) of the main channel duty cycle.
Leading edge modulation is compatible with either
•
Adaptive Gate Driver Dead-time Control
current mode or voltage mode control of the main
•
Wide Bandwidth Error Amplifier (4MHz)
output. The LM5115A drives external high-side and
•
Programmable Soft-start
low-side NMOS power switches configured as a
•
Thermal Shutdown Protection
synchronous
buck
regulator.
A
current
sense
amplifier provides overload protection and operates
•
TSSOP-16 Package
over a wide common mode input range. Additional
features include a low dropout (LDO) bias regulator,
error amplifier, precision reference, adaptive dead
time
control
of
the
gate
signals
and
thermal
shutdown.
Typical Application Circuit
Figure 1. Simplified Multiple Output Power Converter Utilizing SSPR Technique
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5115AMTX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5115AMTX/NOPB TI-LM5115AMTX/NOPB Datasheet
917Kb / 26P
Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down
More results

Similar Description - LM5115AMTX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
Secondary Side Synchronous Post Regulator
logo
Cherry Semiconductor Co...
CS5101 CHERRY-CS5101 Datasheet
153Kb / 7P
Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
Rev. 3/31/97
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
Secondary Side Post Regulator Controller
logo
ON Semiconductor
CS5101 ONSEMI-CS5101 Datasheet
142Kb / 9P
Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
October, 2006 ??Rev. 6
logo
National Semiconductor ...
LM25115A NSC-LM25115A Datasheet
403Kb / 20P
Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
LM5115A NSC-LM5115A Datasheet
403Kb / 20P
Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down Tracking
logo
Texas Instruments
LM5115A TI1-LM5115A_14 Datasheet
947Kb / 24P
Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down Tracking
LM5115A TI-LM5115A_15 Datasheet
917Kb / 26P
Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down
LM25115A TI-LM25115A_15 Datasheet
917Kb / 26P
LM25115A Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
Secondary Side Synchronous Post Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com