Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5115AMTX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5115AMTX/NOPB
Description  LM5115A Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down Tracking
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5115AMTX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5115AMTX/NOPB Datasheet HTML 5Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 6Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 7Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 8Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 9Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 10Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 11Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 12Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
VBIAS
VCC
HB
CS
SYNC
ENABLE
PGND
AGND
LEVEL
SHIFT
CLK
VOUT
HS
ERROR AMP
(Sink Only)
R
S
Q
Q
VCC
UVLO
7V LDO
REGULATOR
HO
DRIVER
LO
DRIVER
RAMP
55k
TRK/SS
FB
COMP
PWM
COMPARATOR
CURRENT SENSE AMP
Gain = 16
CO
NEGATIVE
CURRENT
DETECTOR
7V
1.27V
2.35V
40k
100k
0.7V
BUFFER
0.75V
300 PA
ILIMIT SLOW
Gm = 5 mA/V
1V
ADAPTIVE
DEAD TIME
DELAY
THERMAL
LIMIT
LOGIC
CV
2.5k
15 PA
CLK
2.5k
CRMIX
VCC
VCC
VCC
VCC
x 3
I SYNC
ISYNC
2V
ILIMIT FAST
VINT
VCC
VCC
15 PA
15 PA
VBIAS
LM5115A
www.ti.com
SNVS467B – DECEMBER 2006 – REVISED MARCH 2013
BLOCK DIAGRAM
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5115A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com