Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM10504TMX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM10504TMX/NOPB
Description  LM10504 Triple Buck and LDO Power Management Unit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10504TMX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM10504TMX/NOPB Datasheet HTML 1Page - Texas Instruments LM10504TMX/NOPB Datasheet HTML 2Page - Texas Instruments LM10504TMX/NOPB Datasheet HTML 3Page - Texas Instruments LM10504TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM10504TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM10504TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM10504TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM10504TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM10504TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
A
B
C
D
E
F
G
7
6
5
4
3
2
1
GND_B1
GND_B1
VCOMP
GND
DevSLP
RESET
GND_B3
SW_B1
SW_B1
SW_B3
SW_B3
VIN_B1
VIN_B1
FB_B3
VIN_B3
FB_B1
FB_B1
Vselect_B3
Vselect_B2
VIN
GND
FB_B2
VIN_B2
LDO
GND
SW_B2
SW_B2
Interrupt
VIN_IO
SPI_CLK
SPI_DI
SPI_DO
SPI_CS
GND_B2
3
LM10504
www.ti.com
SNVS739F – DECEMBER 2011 – REVISED OCTOBER 2016
Product Folder Links: LM10504
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
YFR Package
34-Pin DSBGA
Top View
(1)
G = Ground, I = Input, O = Output, and P = Power
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
A1
Interrupt
O
Digital output of comparator to signal interrupt condition.
A2
LDO
P
LDO regulator output voltage.
A3
VIN
P
Power supply input voltage. Must be present for device to work; decouple closely to D7.
A4, B4
FB_B1
I/O
Buck switcher regulator 1: Voltage output feedback plus bypass power.
A5, B5
VIN_B1
P
Buck switcher regulator 1: Power supply voltage input for power stage PFET, if Buck 1 is not
used, tie to ground to reduce leakage.
A6, B6
SW_B1
P
Buck switcher regulator 1: Power switching node, connect to inductor.
A7, B7
GND_B1
P
Buck switcher regulator 1: Power ground for buck regulator.
B1
VIN_IO
I
Supply voltage for digital interface.
B2
GND
G
Connect to system ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com