Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3535TMX/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LM3535TMX/NOPB
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535TMX/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM3535TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 13Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 14Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 17Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 18Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
ILED (mA) | 25 x 0.85
[44 ± {(N+1)/2.91}]
Or
BRC (#) | 127+17.9 x LN(ILED(mA)/25 mA)
1
bit7
1
bit6
1
bit5
1
bit4
1
bit3
D1C2
bit2
D1C1
bit1
D1C0
bit0
MSB
LSB
DxC Brightness Control
Register Address: 0xC0
MSB
LSB
DxB Brightness Control
Register Address: 0xB0
1
bit7
1
bit6
ALSZT2
bit5
ALSZT1
bit4
ALSZT0
bit3
DxB2
bit2
DxB1
bit1
DxB0
bit0
1
bit7
DxA6
bit6
DxA5
bit5
DxA4
bit4
DxA3
bit3
DxA2
bit2
DxA1
bit1
DxA0
bit0
MSB
LSB
DxA Brightness Control
Register Address: 0xA0
15
LM3535
www.ti.com
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
•
RD0-RD2: Diode Current Ramp Down Step Time. : ‘000’ = 6 µs, ‘001’ = 0.77 ms, ‘010’ = 1.5 ms, ‘011’ = 3
ms, ‘100’ = 6 ms, ‘101’ = 12 ms, ‘110’ = 25ms, ‘111’ = 50ms
•
RU0-RU2: Diode Current Ramp Up Step Time. : ‘000’ = 6 µs, ‘001’ = 0.77 ms, ‘010’ = 1.5 ms, ‘011’ = 3 ms,
‘100’ = 6 ms, ‘101’ = 12 ms, ‘110’ = 25ms, ‘111’ = 50ms
•
GT0-GT1: Gain Transition Filter. The value stored in this register determines the filter time used to make a
gain transition in the event of an input line step. Filter times = ‘00’ = 3-6 ms, ‘01’ = 0.8-1.5 ms, ‘10’ = 20 µs,
On LM3535-2ALS, '11' = 1µs, On LM3535, ‘11’ = DO NOT USE
The Ramp-Up and Ramp-Down times follow the equatios: TRAMP = (NStart – NTarget) × Ramp-Step Time
Figure 23. Brightness Control Register Description
Internal Hex Address: 0xa0 (Groupa), 0xb0 (Groupb), 0xc0 (Groupc)
NOTE
DxA6-DxA0: Sets Brightness for DxA pins (GroupA). 1111111 = Fullscale. Code 0 in this
register disables the BankA current sinks.
DxB2-DxB0: Sets Brightness for DxB pins (GroupB). 111 = Fullscale
ALSZT2-ALSZT0: Sets the Brightness Zone boundary used to enable and disable BankB
diodes based upon ambient lighting conditions.
DxC2-DxC0: Sets Brightness for D1C pin. 111 = Fullscale
The BankA Current can be approximated by Equation 1 where N = BRC = the decimal
value stored in either the BankA Brightness Register or the five different ALS Zone
Brightness Registers:
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com