Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3535TMX/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Part # LM3535TMX/NOPB
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535TMX/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM3535TMX/NOPB Datasheet HTML 22Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 23Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 24Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 25Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 26Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 27Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 28Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 29Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
26
LM3535
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
www.ti.com
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
8.2.2.3.1
Total Output Current Capability
The maximum output current that can be drawn from the LM3535 is 200 mA.
DRIVER TYPE
MAXIMUM Dxx CURRENT
DxA
25 mA per DxA pin
DxB
25 mA per DxB pin
D1C
25 mA
8.2.2.4 Parallel Connected and Unused Outputs
Connecting the outputs in parallel does not affect internal operation of the LM3535 and has no impact on the
Electrical Characteristics and limits previously presented. The available diode output current, maximum diode
voltage, and all other specifications provided in the Electrical Characteristics table apply to this parallel output
configuration, just as they do to the standard LED application circuit.
All Dx current sinks utilize LED forward voltage sensing circuitry to optimize the charge-pump gain for maximum
efficiency. Due to the nature of the sensing circuitry, TI recommends not leaving any of the Dx pins open when
the current sinks are enabled (ENx bits are set to 1). Leaving Dx pins unconnected forces the charge-pump into
3/2× mode over the entire VIN range negating any efficiency gain that could have been achieved by switching to
1× mode at higher input voltages.
If the D1B or D1C drivers are not going to be used, make sure that the ENB and ENC bits in the general purpose
register are set to 0 to ensure optimal efficiency.
8.2.2.5 Power Efficiency
Efficiency of LED drivers is commonly taken to be the ratio of power consumed by the LEDs (PLED) to the power
drawn at the input of the part (PIN). With a 3/2× – 1× charge pump, the input current is equal to the charge pump
gain times the output current (total LED current). The efficiency of the LM3535 can be predicted as follow:
PLEDTOTAL = (VLEDA × NA × ILEDA) + (VLEDB × NB × ILEDB) + (VLEDC × ILEDC)
(10)
PIN = VIN × IIN
(11)
PIN = VIN × (GAIN × ILEDTOTAL + IQ)
(12)
E = (PLEDTOTAL / PIN)
(13)
The LED voltage is the main contributor to the charge-pump gain selection process. Use of low forward-voltage
LEDs (3 V to 3.5 V) allows the LM3535 to stay in the gain of 1× for a higher percentage of the lithium-ion battery
voltage range when compared to the use of higher forward voltage LEDs (3.5 V to 4 V). See LED Forward
Voltage Monitoring for a more detailed description of the gain selection and transition process.
For an advanced analysis, TI recommends that power consumed by the circuit (VIN x IIN) for a given load be
evaluated rather than power efficiency.
8.2.2.6 Power Dissipation
The power dissipation (PDISS) and junction temperature (TJ) can be approximated with the equations below. PIN is
the power generated by the 3/2× – 1× charge pump, PLED is the power consumed by the LEDs, TA is the ambient
temperature, and RθJA is the junction-to-ambient thermal resistance for the DSBGA 20-bump package. VIN is the
input voltage to the LM3535, VLED is the nominal LED forward voltage, N is the number of LEDs and ILED is the
programmed LED current.
PDISS = PIN – PLEDA - PLEDB – PLEDC
(14)
PDISS= (GAIN × VIN × IGroupA + GroupB + GroupC ) – (VLEDA × NA × ILEDA) – (VLEDB × NB × ILEDB) – (VLEDC × ILEDC)
(15)
TJ = TA + (PDISS x RθJA)
(16)
The junction temperature rating takes precedence over the ambient temperature rating. The LM3535 may be
operated outside the ambient temperature rating, so long as the junction temperature of the device does not
exceed the maximum operating rating of 110°C. The maximum ambient temperature rating must be derated in
applications where high power dissipation and/or poor thermal resistance causes the junction temperature to
exceed 110°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com