Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM48557TL/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM48557TL/NOPB
Description  LM48557 Boomer™ Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48557TL/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM48557TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DUT
ZL
AUDIO
ANALYZER
200 mVp-p
VDD
IN+
IN-
CIN
VDD
VCM
+
-
DUT
ZL
AUDIO
ANALYZER
VDD
200 mVp-p
VDD
IN+
IN-
CIN
VCM
LM48557
SNAS486D – JULY 2009 – REVISED MAY 2013
www.ti.com
I
2C Interface Characteristics 1.7V ≤ I2CV
DD ≤ 4.5V
(1) (2)
The following specifications apply for RPU = 1kΩ to I
2CV
DD, unless otherwise specified. Limits apply for TA = 25°C.
LM48557
Symbol
Parameter
Conditions
Units
Min(3)
Typ(4)
Max(3)
VIH
Logic Input High Threshold
SDA, SCL
0.7 x I2CVDD
V
VIL
Logic Input Low Threshold
SDA, SCL
0.3 x I2CVDD
V
VOL
Logic Output Low Threshold
SDA, ISDA = 3.6mA
0.35
V
IOH
Logic Output High Current
SDA, SCL, I2CVDD = 4.5V
2
µA
SCL Frequency
400
kHz
6
SDA Setup Time
100
ns
5
SDA Stable Time
0
250
900
ns
1
Start Condition Time
100
ns
7
Stop Condition Time
100
ns
(1)
“Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Operating Ratings is not implied. The Operating Ratings indicate conditions at which the
device is functional and the device should not be operated beyond such conditions. All voltages are measured with respect to the
ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list specified specifications under the listed Operating Ratings except as otherwise modified or
specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not ensured.
(3)
Datasheet min/max specification limits are specified by test or statistical analysis.
(4)
Typical values represent most likely parametric norms at TA = +25ºC, and at theOperation Rating at the time of product characterization
and are not ensured.
Figure 4. PSRR Test Circuit
Figure 5. CMRR Test Circuit
6
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM48557



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com