Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM48557TL/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM48557TL/NOPB
Description  LM48557 Boomer™ Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48557TL/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM48557TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 12Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 13Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 14Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
START
MSB
DEVICE ADDRESS
LSB
ACK
STOP
R/W
MSB
LSB
ACK
FIRST REGISTER BYTE
SUCCESSIVE
REGISTER BYTES
ACK
MSB
LSB
ACK
MSB
LSB
LAST REGISTER
BYTE
START
MSB
DEVICE ADDRESS
LSB
ACK
STOP
MSB
REGISTER DATA
LSB
ACK
R/W
LM48557
www.ti.com
SNAS486D – JULY 2009 – REVISED MAY 2013
A multi-byte write operation is similar to a single-byte operation, the master device issues a START condition and
device address, and the LM48557 responds with an ACK (Figure 21). The master device then transmits the first
data byte. Following the LM48557’s ACK, the master device does not issue a STOP condition, transmitting a
second data byte instead. The LM48557 responds with an ACK bit. The master device can continue to issue
data bytes, and the LM48557 will respond with an ACK, until a STOP condition is issued. Once a STOP
condition is issued, the LM48557 ignores the I2C bus until the master issues the LM48557’s device address.
Figure 20. Single-Byte Write Example
Figure 21. Multi-Byte Write Example
GENERAL AMPLIFIER FUNCTION
The LM48557 is a fully differential ceramic speaker driver that utilizes Ti’s inverting charge pump technology to
deliver over 5.8VRMS to a 1µF ceramic speaker while operating from a single 4.2V supply. The low noise,
inverting charge pump generates a negative supply voltage (CPVSS) from the positive supply voltage (PVDD). The
LM48557 takes advantage of the increased head room created by the charge pump and the bridge-tied load
(BTL) architecture, delivering significantly more voltage than a single-ended, single-supply amplifier to the
speaker.
Table 6. Volume Control Table
VOLUME
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
GAIN (dB)
STEP
1 (MUTE)
0
0
0
0
0
0
-90
2
0
0
0
0
0
1
-25
3
0
0
0
0
1
0
-22
4
0
0
0
0
1
1
-19
5
0
0
0
1
0
0
-16
6
0
0
0
1
0
1
-13
7
0
0
0
1
1
0
-10
8
0
0
0
1
1
1
-8
9
0
0
1
0
0
0
-6
10
0
0
1
0
0
1
-4
11
0
0
1
0
1
0
-2
12
0
0
1
0
1
1
0
13
0
0
1
1
0
0
2
14
0
0
1
1
0
1
4
15
0
0
1
1
1
0
6
16
0
0
1
1
1
1
8
17
0
1
0
0
0
0
10
18
0
1
0
0
0
1
12
19
0
1
0
0
1
0
14
20
0
1
0
0
1
1
16
21
0
1
0
1
0
0
18
22
0
1
0
1
0
1
20
23
0
1
0
1
1
0
22
24
0
1
0
1
1
1
24
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM48557



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com