Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0366SQ/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LMH0366SQ/NOPB
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366SQ/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMH0366SQ/NOPB Datasheet HTML 15Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 16Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 17Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 18Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 19Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 20Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 21Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 22Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
LMH0366
RATE1
1
2
3
4
5
6
DAP
Differential
Data Input
ENABLE
27 MHz
39 pF
39 pF
Data Output 0
Data Output 1 or
Clock Output
VCC
56 nF
LOCK_ DETECT
MUTE
BYPASS
RATE1
RATE0
SCO_EN
SDI
SDI
BYPASS
ENABLE
MUTE
13
14
15
16
17
18
SDO1
SDO1
SDO0
SDO0
VCC
SD/HD
SD/HD
0x7F
0x5A
1
MOSI
(host)
R/W
Addr
Data
0x7F
0x5A
1
R/W
Addr
Data
0x7F
0x5A
1
R/W
Addr
Data
XX
X
XX
XX
X
XX
XX
X
MISO
(host)
XX
0x7F
0x5A
1
R/W
Addr
Data
0x7F
1
0x5A
LMH0366
www.ti.com
SNAS585D – APRIL 2012 – REVISED APRIL 2013
SPI Daisy-Chain Length Detection
A useful operation for the host may be to detect the length of the daisy-chain. This is a simple matter of shifting
in a series of dummy reads with a known data value (such as 0x5A). For an SPI daisy-chain of N LMH0366
devices, the known data value will appear on the host's MISO pin after N+1 writes. Assuming a daisy-chain of
three LMH0366 devices, the result of this operation is shown in Figure 10.
Figure 10. SPI Daisy-Chain Length Detection
APPLICATION INFORMATION
Application Circuit (Pin Mode)
Figure 11 shows the typical application circuit for the LMH0366 in pin mode.
Figure 11. Application Circuit (Pin Mode)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com