Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0366SQ/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LMH0366SQ/NOPB
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366SQ/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH0366SQ/NOPB Datasheet HTML 3Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 4Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 5Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 6Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 7Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 8Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 9Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 10Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
LMH0366
www.ti.com
SNAS585D – APRIL 2012 – REVISED APRIL 2013
AC Electrical Characteristics (continued)
Over recommended supply voltage and operating temperature ranges, unless otherwise specified.
(1) (2)
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
tLOCK
Asynchronous Lock Time
(7)
25
ms
tSYNLOCK Synchronous Lock Time
(8)
1
ms
tR, tF
Output Rise/Fall Time
20% – 80%, 100
Ω load
SDO0, SDO1
80
130
ps
(3)
(7)
Time to acquire lock when an input signal is first applied or when the data rate of the input signal is changed. The maximum
asynchronous lock time can be improved (decreased) to be less than 15 ms with the following SPI register setting: write 0xA3 to register
0x0E.
(8)
Time to reacquire lock after the switch to another input signal at the same data rate as the PLL is currently locked.
AC Electrical Characteristics – SPI
Over recommended supply voltage and operating temperature ranges, unless otherwise specified.
(1) (2)
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
Recommended Input Timing Requirements
fSCK
SCK Frequency
SCK
20
MHz
tPH
SCK Pulse Width High
Figure 4, Figure 5
% SCK
40
period
tPL
SCK Pulse Width Low
% SCK
40
period
tSU
MOSI Setup Time
Figure 4, Figure 5
MOSI
4
ns
tH
MOSI Hold Time
4
ns
tSSSU
SS Setup Time
Figure 4, Figure 5
SS
14
ns
tSSH
SS Hold Time
4
ns
tSSOF
SS Off Time
1
SCK
period
Switching Characteristics
tODZ
MISO Driven-to-Tristate Time
Figure 5
MISO
20
ns
tOZD
MISO Tristate-to-Driven Time
10
ns
tOD
MISO Output Delay Time
15
ns
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Typical values represent most likely parametric norms at VCC = +2.5V, TA = +25°C, and at the Recommended Operating Conditions at
the time of product characterization and are not ensured.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com