Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0366SQ/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LMH0366SQ/NOPB
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366SQ/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMH0366SQ/NOPB Datasheet HTML 1Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 2Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 3Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 4Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 5Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 6Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 7Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 8Page - Texas Instruments LMH0366SQ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
LMH0366
www.ti.com
SNAS585D – APRIL 2012 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VCC)
3.1V
Input Voltage (any input)
−0.3V to VCC+0.3V
Storage Temperature Range
−65°C to +150°C
Junction Temperature
+125°C
Package Thermal Resistance
θJA 24-pin WQFN
42.7°C/W
θJC 24-pin WQFN
8.7°C/W
ESD Ratings
HBM (std: JESD22-A114-F)
≥±6 kV
MM (std: JESD22-A115-C)
≥±250V
CDM (std: JESD22-C101-E)
≥±1250V
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device my occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
Recommended Operating Conditions
Supply Voltage (VCC)
2.5V ±5%
Input Voltage
0V to VCC
Operating Free Air Temperature (TA)
−40°C to +85°C
DC Electrical Characteristics
Over recommended supply voltage and operating temperature ranges, unless otherwise specified.
(1) (2)
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
VIH
Input Voltage High Level
Logic inputs
1.7
VCC
V
VIL
Input Voltage Low Level
VEE
0.7
V
IIN
Input Current
−55
55
µA
VOH
Output Voltage High Level
IOH = −2 mA
Logic outputs
2.0
V
VOL
Output Voltage Low Level
IOL = +2 mA
0.2
V
VSDID
Serial Input Voltage, Differential
(3)
SDI
200
1600
mVP-P
VCMI
Input Common Mode Voltage
(3)
0
VCC
V
VSSP-P
Differential Output Voltage, P-P
100
Ω load, default register
SDO0, SDO1
700
800
1000
mVP-P
settings (4), Figure 3
VOD
Differential Output Voltage
350
400
500
mVP-P
ΔVOD
Change in Magnitude of VOD for
50
mV
Complimentary Output States
VOS
Offset Voltage
1.1
1.2
1.375
V
ΔVOS
Change in Magnitude of VOS for
50
mV
Complimentary Output States
IOS
Output Short Circuit Current
30
mA
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Typical values represent most likely parametric norms at VCC = +2.5V, TA = +25°C, and at the Recommended Operating Conditions at
the time of product characterization and are not ensured.
(3)
Specification is ensured by characterization and is not tested in production.
(4)
The differential output voltage and offset voltage are adjustable via the SPI.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com