Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8350MA/NOPB.A Datasheet(PDF) 22 Page - Texas Instruments

Part # LMP8350MA/NOPB.A
Description  LMP8350 Ultra-Low Distortion Fully-Differential Precision ADC Driver With Selectable
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8350MA/NOPB.A Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMP8350MA/NOPB.A Datasheet HTML 18Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 19Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 20Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 21Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 22Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 23Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 24Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 25Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
VI
RG1
RG2
VOCM
RL
VO
RF1
RF2
CL
RO
RO
EN
a
+
-
LMP8350
SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Fully-Differential Operation
The LMP8350 will perform best when used with split supplies and in a fully-differential configuration. See
Figure 29 for recommend circuits.
Figure 29. Typical Fully-Differential Application
The circuit shown in Figure 29 is a typical fully-differential application as might be used to drive a Sigma Delta
ADC. In this circuit, closed-loop gain is calculated by Equation 1:
(AV) = VOUT/ VIN = RF/RG
where
•
RF=RF1=RF2 and RG=RG1=RG2
(1)
For all the applications in this data sheet , VIN is presumed to be the voltage presented to the circuit by the signal
source. For differential signals this will be the difference of the signals on each input (which will be double the
magnitude of each individual signal), while in single-ended inputs it will just be the driven input signal.
When fed with a differential signal, the LMP8350 provides excellent distortion, balance and common-mode
rejection, provided the resistors RF, RG and any input termination resistors (RT) are well-matched and strict
symmetry is observed in board layout. With a DC CMRR of over 80 dB, the DC and low frequency CMRR of
most circuits will be dominated by the external resistor matching and board trace resistance. At low distortion
levels, board layout symmetry and supply bypassing become a factor as well. It is assumed throughout this
document that RF1 = RF2 and RG1 = RG2 for maximum channel symmetry
Precision resistors of at least 0.1% accuracy or better are recommended and careful board layout will also be
required for optimum performance.
Operation with RF feedback resistors as low as 300 Ω is possible in the high and medium power modes. This will
slightly improve the noise and bandwidth results. However, feedback resistors with RF values of less than 1 KΩ
should be avoided in the low power mode due to the reduced output drive current capabilities. If low value
resistors (< 300
Ω) must be used in the low power mode, the maximum output swing will need to be limited.
The resistors RO help keep the amplifier stable when presented with a load CL, as is common when driving an
analog to digital converter (ADC).
22
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMP8350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com