Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8350MA/NOPB.A Datasheet(PDF) 23 Page - Texas Instruments

Part # LMP8350MA/NOPB.A
Description  LMP8350 Ultra-Low Distortion Fully-Differential Precision ADC Driver With Selectable
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8350MA/NOPB.A Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMP8350MA/NOPB.A Datasheet HTML 19Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 20Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 21Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 22Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 23Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 24Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 25Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 26Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
*VCM =
VO1 + VO2
2
*BY DESIGN
RG
RG
VOCM
RL
VO
RF
RF
CL
RO
RO
EN
+
-
VI
a
VO1
VO2
VI2
VI1
RM
RT
RS
= a
VOCM
1 + AV
WHERE RM << RG
VICM = VOCM *
(RG + RM)
(RG + RM + RF)
2 VPP
VOCM
EN
100:
TWISTED PAIR
50:
2 VPP
1000
1000
500
500
GAIN = 2
50:
a
+
-
LMP8350
www.ti.com
SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015
Application Information (continued)
Figure 30. Fully-Differential Cable Driver
With up to 15 VPP differential output voltage swing and 80 mA of linear drive current, the LMP8350 makes an
excellent precision cable driver as shown in Figure 30. The LMP8350 is also suitable for driving differential
cables from a single-ended source.
8.1.2 Single Supply Operation
As shown in Figure 31, the input common-mode voltage is less than the output common voltage. It is set by
current flowing through the feedback network from the device output. The input common-mode voltage range
places constraints on gain settings. The input common-mode voltage is calculated in Equation 2. Possible
solutions to this limitation include AC coupling the input signal, using split power supplies and limiting stage gain.
AC coupling with single-supply is shown in Figure 32.
VICM= Input common-mode voltage = (V
+
IN + V
−
IN)/2.
(2)
Figure 31. Relating AV to Input/Output Common-Mode Voltages
In Figure 31 the differential closed loop gain is = AV= RF/RG.
NOTE
In single-ended to differential operation VIN is measured single ended while VOUT is
measured differentially. This means that gain is really one-half, or 6 dB, less when
measured on either of the output pins separately.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMP8350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com