Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8350MA/NOPB.A Datasheet(PDF) 11 Page - Texas Instruments

Part # LMP8350MA/NOPB.A
Description  LMP8350 Ultra-Low Distortion Fully-Differential Precision ADC Driver With Selectable
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8350MA/NOPB.A Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP8350MA/NOPB.A Datasheet HTML 7Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 8Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 9Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 10Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 11Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 12Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 13Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 14Page - Texas Instruments LMP8350MA/NOPB.A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
LMP8350
www.ti.com
SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015
6.7 5-V Electrical Characteristics
Unless otherwise specified, all limits are ensured for TA = 25°C, Avcl = +1, RF= RG = 1 kΩ, Fully differential input, VS = +5 V,
RL = 2 kΩ//20 pF differentially, Input CMR and VOCM = mid-supply and HP mode unless otherwise noted.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
5-V DC CHARACTERISTICS
TA = 25°C
±0.2
±3.2
High power
At the temperature extremes
±3.6
TA = 25°C
±0.1
±2.0
Input offset voltage
VOS
Mid power
mV
(RTI)
At the temperature extremes
±2.3
TA = 25°C
±0.1
±2.0
Low power
At the temperature extremes
±2.3
High power
±0.7
TCVO
Input offset voltage
Mid power
±0.5
μV/°C
S
vs.temperature(4)
Low power
±0.4
TA = 25°C
1.5
High power
At the temperature extremes
1.6
TA = 25°C
2.5
IB
Input bias current
Mid power
μA
At the temperature extremes
3.0
TA = 25°C
3.5
Low power
At the temperature extremes
3.7
High power
63
68
AVOL
Open-loop gain
Mid power
71
75
dB
Low power
68
75
HP at CMRR
≥ 60 dB
1.15
3.85
CMVR Common-mode voltage range(5)
MP at CMRR
≥ 86 dB
1.15
3.85
V
LP at CMRR
≥ 80 dB
1.15
3.85
DC, VOCM = 0,VID = 0,
ΔVcm = ±0.2 V
63
79
High power
CMRR Common-mode rejection ratio
dB
Mid power
87
114
Low power
82
114
ZIND
Differential input resistance
VCM = mid-supply
0.48
M
Ω
CIND
Differential input capacitance
VCM = mid-supply
1
pF
Low Swing
0.82
0.77
4.18
High power
High Swing
0.82
4.23
4.18
Low Swing
0.82
0.75
4.18
Output swing
VO
Mid power
V
(single-ended)
High Swing
0.82
4.25
4.18
Low Swing
0.83
0.77
4.17
Low power
High Swing
0.83
4.23
4.17
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlations using the
Statistical Quality Control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Drift Determined by dividing the change in parameter at temperature extremes by the total temperature change. Value is the worst case
of TaMIN to 25°C and 25°C to TaMAX.
(5)
At amplifier inputs.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP8350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com