Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMR62014XMF/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMR62014XMF/NOPB
Description  LMR62014 SIMPLE SWITCHER® 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMR62014XMF/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMR62014XMF/NOPB Datasheet HTML 1Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 2Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 3Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 4Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 5Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 6Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 7Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 8Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LMR62014
SNVS735B – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range
(
−40°C ≤ TJ ≤ +125°C). Unless otherwise specified: VIN = 5V, VSHDN = 5V, IL = 0A.
Symbol
Parameter
Conditions
Min(1)
Typical(2)
Max(1)
Units
VIN
Input Voltage
2.7
14
V
VOUT (MIN)
Minimum Output Voltage
RL = 43Ω
(3)
VIN = 2.7V
5.4
7
V
Under Load
VIN = 3.3V
8
10
VIN = 5V
13
17
RL = 15Ω
(3)
VIN = 2.7V
3.75
5
VIN = 3.3V
5
6.5
VIN = 5V
8.75
11
ISW
Switch Current Limit
See (4)
1.8
2
A
1.4
RDS(ON)
Switch ON Resistance
ISW = 100 mA, Vin = 5V
260
400
m
Ω
500
ISW = 100 mA, Vin = 3.3V
300
450
550
SHDNTH
Shutdown Threshold
Device ON
1.5
V
Device OFF
0.50
ISHDN
Shutdown Pin Bias Current
VSHDN = 0
0
µA
VSHDN = 5V
0
2
VFB
Feedback Pin Reference
VIN = 3V
1.205
1.230
1.255
V
Voltage
IFB
Feedback Pin Bias Current
VFB = 1.23V
60
500
nA
IQ
Quiescent Current
VSHDN = 5V, Switching
2
3.0
mA
VSHDN = 5V, Not Switching
400
500
µA
VSHDN = 0
0.024
1
ΔVFB
FB Voltage Line Regulation
2.7V
≤ VIN ≤ 14V
0.02
%/V
ΔVIN
FSW
Switching Frequency(5)
1
1.6
1.85
MHz
DMAX
Maximum Duty Cycle(5)
86
93
%
IL
Switch Leakage
Not Switching VSW = 5V
1
µA
(1)
Limits are ensured by testing, statistical correlation, or design.
(2)
Typical values are derived from the mean value of a large quantity of samples tested during characterization and represent the most
likely expected value of the parameter at room temperature.
(3)
L = 10 µH, COUT = 4.7 µF, duty cycle = maximum
(4)
Switch current limit is dependent on duty cycle (see Typical Performance Characteristics).
(5)
Specified limits are the same for Vin = 3.3V input.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMR62014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com