Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMR62014XMF/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMR62014XMF/NOPB
Description  LMR62014 SIMPLE SWITCHER® 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMR62014XMF/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMR62014XMF/NOPB Datasheet HTML 1Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 2Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 3Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 4Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 5Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 6Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 7Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 8Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
0
20
40
60
80
100
120
140
160
LOAD (mA)
0
10
20
30
40
50
60
70
80
LOAD CURRENT (mA)
0
100
200
300
400
70
80
90
100
500
LMR62014
www.ti.com
SNVS735B – OCTOBER 2011 – REVISED APRIL 2013
LMR62014 SIMPLE SWITCHER® 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
Check for Samples: LMR62014
1
FEATURES
DESCRIPTION
The LMR62014 switching regulator is a current-mode
23
•
Input Voltage Range of 2.7V to 14V
boost converter operating at fixed frequency of
•
Output Voltage up to 20V
1.6 MHz.
•
Switch Current up to 1.4A
The use of SOT-23 package, made possible by the
•
1.6 MHz Switching Frequency
minimal power loss of the internal 1.4A switch, and
•
Low Shutdown Iq, <1 µA
use of small inductors and capacitors result in the
industry's highest power density. The LMR62014 is
•
Cycle-by-Cycle Current Limiting
capable of greater than 90% duty cycle, making it
•
Internally Compensated
ideal for boosting to voltages up to 20V.
•
5-Pin SOT-23 Packaging (2.92 x 2.84 x 1.08mm)
These parts have a logic-level shutdown pin that can
•
Fully Enabled for WEBENCH® Power Designer
be used to reduce quiescent current and extend
battery life.
PERFORMANCE BENEFITS
Protection is provided through cycle-by-cycle current
•
Extremely Easy to Use
limiting and thermal shutdown. Internal compensation
simplifies design and reduces component count.
•
Tiny Overall Solution Reduces System Cost
APPLICATIONS
•
Boost Conversions from 3.3V, 5V, and 12V
Rails
•
Space Constrained Applications
•
Embedded Systems
•
LCD Displays
•
LED Applications
System Performance
Efficiency vs Load Current
Efficiency vs Load Current
VIN = 3.3V, VOUT = 12V
VIN = 5V, VOUT = 12V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER, WEBENCH are registered trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMR62014XMF/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR62014XMF/NOPB TI1-LMR62014XMF/NOPB Datasheet
1Mb / 22P
LMR62014 SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
More results

Similar Description - LMR62014XMF/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMR62014 NSC-LMR62014 Datasheet
396Kb / 14P
SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR62014XMFX TI-LMR62014XMFX Datasheet
993Kb / 22P
LMR62014 SIMPLE SWITCHER 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
LMR14206XMK TI-LMR14206XMK Datasheet
817Kb / 17P
LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR14206XMK TI1-LMR14206XMK Datasheet
841Kb / 17P
LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014_14 Datasheet
1Mb / 22P
SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
LMR64010 TI1-LMR64010_14 Datasheet
1Mb / 21P
SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR62421 TI-LMR62421_15 Datasheet
1Mb / 32P
SIMPLE SWITCHER 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR12010 TI-LMR12010_15 Datasheet
1Mb / 26P
SIMPLE SWITCHER 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR14203 TI-LMR14203_15 Datasheet
817Kb / 17P
SIMPLE SWITCHER 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014_15 Datasheet
1Mb / 22P
LMR62014 SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com