Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMR62014XMF/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LMR62014XMF/NOPB
Description  LMR62014 SIMPLE SWITCHER® 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMR62014XMF/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMR62014XMF/NOPB Datasheet HTML 2Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 3Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 4Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 5Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 6Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 7Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 8Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 9Page - Texas Instruments LMR62014XMF/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
70
0
0
100
200
300
400
500
600
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
1400
0
200
400
600
800 1000 1200
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5
VIN (V)
0
50
100
150
200
250
300
350
0
50
100
150
200
250
300
LOAD (mA)
0
10
20
30
40
50
60
70
80
90
100
-40
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Vin = 5V
Vin = 3.3V
2
2.1
2.2
2.3
2.4
2.5
2.6
-40
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
LMR62014
SNVS735B – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VIN = 5V, SHDN pin tied to VIN.
RDS(ON) vs Temperature
Current Limit vs Temperature
Figure 8.
Figure 9.
Efficiency vs Load Current
RDS(ON) vs VIN
VIN = 2.7V, VOUT = 5V
Figure 10.
Figure 11.
Efficiency vs Load Current
Efficiency vs Load Current
VIN = 3.3V, VOUT = 5V
VIN = 4.2V, VOUT = 5V
Figure 12.
Figure 13.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMR62014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com