Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMR62014XMF/NOPB.B Datasheet(PDF) 13 Page - Texas Instruments

Part # LMR62014XMF/NOPB.B
Description  LMR62014 SIMPLE SWITCHER® 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMR62014XMF/NOPB.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMR62014XMF/NOPB.B Datasheet HTML 9Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 10Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 11Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 12Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 13Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 14Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 15Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 16Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ILOAD(max) = (1 - DC) x (ISW(max) - DC (VIN - VSW))
2fL
20
30
40
50
60
70
80
90
100
DUTY CYCLE (%) = [1 - EFF*(VIN / VOUT)]
0
500
1000
1500
2000
2500
3000
VIN = 5V
VIN = 3.3V
VIN = 2.7V
VIN = 3V
LMR62014
www.ti.com
SNVS735B – OCTOBER 2011 – REVISED APRIL 2013
MAXIMUM SWITCH CURRENT
The maximum FET switch current available before the current limiter cuts in is dependent on duty cycle of the
application. This is illustrated in the graphs below which show typical values of switch current as a function of
effective (actual) duty cycle:
Figure 21. Switch Current Limit vs Duty Cycle
CALCULATING LOAD CURRENT
As shown in Figure 20 which depicts inductor current, the load current is related to the average inductor current
by the relation:
ILOAD = IIND(AVG) x (1 - DC)
where
•
"DC" is the duty cycle of the application.
(7)
The switch current can be found by:
ISW = IIND(AVG) + ½ (IRIPPLE)
(8)
Inductor ripple current is dependent on inductance, duty cycle, input voltage and frequency:
IRIPPLE = DC x (VIN-VSW) / (f x L)
(9)
combining all terms, we can develop an expression which allows the maximum available load current to be
calculated:
(10)
The equation shown to calculate maximum load current takes into account the losses in the inductor or turn-OFF
switching losses of the FET and diode. For actual load current in typical applications, we took bench data for
various input and output voltages that displayed the maximum load current available for a typical device in graph
form:
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMR62014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com