Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMR62014XMF/NOPB.B Datasheet(PDF) 2 Page - Texas Instruments

Part # LMR62014XMF/NOPB.B
Description  LMR62014 SIMPLE SWITCHER® 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMR62014XMF/NOPB.B Datasheet(HTML) 2 Page - Texas Instruments

  LMR62014XMF/NOPB.B Datasheet HTML 1Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 2Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 3Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 4Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 5Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 6Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 7Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 8Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LMR62014
SW
FB
GND
VIN
SHDN
U1
R3
51k
SHDN
GND
5VIN
C1
2.2 PF
L1/10 PH
R2
13.3k
CF
220 pF
D1
R1/117k
C2
4.7 PF
12V
OUT
500 mA
(TYP)
LMR62014
SNVS735B – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 1. 5-Lead SOT-23 (Top View)
See DBV Package
PIN DESCRIPTIONS
Pin
Name
Function
1
SW
Drain of the internal FET switch.
2
GND
Analog and power ground.
3
FB
Feedback point that connects to external resistive divider.
4
SHDN
Shutdown control input. Connect to Vin if the feature is not used.
5
VIN
Analog and power input.
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMR62014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com