Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMR62014XMF/NOPB.B Datasheet(PDF) 5 Page - Texas Instruments

Part # LMR62014XMF/NOPB.B
Description  LMR62014 SIMPLE SWITCHER® 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMR62014XMF/NOPB.B Datasheet(HTML) 5 Page - Texas Instruments

  LMR62014XMF/NOPB.B Datasheet HTML 1Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 2Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 3Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 4Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 5Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 6Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 7Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 8Page - Texas Instruments LMR62014XMF/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1.222
1.223
1.224
1.225
1.226
1.227
1.228
1.229
1.23
1.231
-40
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
TEMPERATURE (
oC)
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
-50
-25
0
25
50
75
100 125 150
92.1
92.2
92.3
92.4
92.5
92.6
92.7
92.8
92.9
93
TEMPERATURE (
oC)
VIN = 5V
VIN = 3.3V
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (
oC)
340
345
350
355
360
365
370
375
380
-50
-25
0
25
50
75
100 125 150
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (
oC)
1.8
1.85
1.9
1.95
2
2.05
2.1
2.15
2.2
1.4
1.42
1.44
1.46
1.48
1.5
1.52
1.54
1.56
1.58
TEMPERATURE (
oC)
VIN = 5V
VIN = 3.3V
-50
-25
0
25
50
75
100 125 150
LMR62014
www.ti.com
SNVS735B – OCTOBER 2011 – REVISED APRIL 2013
Typical Performance Characteristics
Unless otherwise specified: VIN = 5V, SHDN pin tied to VIN.
Iq Vin (Active) vs Temperature
Oscillator Frequency vs Temperature
Figure 2.
Figure 3.
Max. Duty Cycle vs Temperature
Iq Vin (Idle) vs Temperature
Figure 4.
Figure 5.
Feedback Bias Current vs Temperature
Feedback Voltage vs Temperature
Figure 6.
Figure 7.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMR62014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com