Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV1099TLX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMV1099TLX/NOPB
Description  LMV1099 Uplink Far Field Noise Suppression and Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1099TLX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV1099TLX/NOPB Datasheet HTML 9Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 10Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 11Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 12Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 13Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 14Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 15Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 16Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Analog
Noise
Cancelling
Block
Optimized
Audio
Ouput
OUT+
Post Amp Gain
(6 dB / 12 dB)
Pre Amp Gain
(12 dB - 36 dB)
Mic1
or
Mic2
Gain
(Max. 0 dB)
OUT-
Maximum
AC Input
Voltage
<1.6 Vpp
Maximum
AC Output
Voltage
<3.2 Vpp
Maximum
AC Input
Voltage
<440 mVpp
Maximum
AC Intput
Voltage
<1.6 Vpp
Analog
Noise
Cancelling
Block
Optimized
Audio
Ouput
OUT+
Post Amp Gain
(6 dB / 12 dB)
Preamp Gain
(12 dB - 36 dB)
Mic1
OUT-
Mic2
LMV1099
www.ti.com
SNAS490D – JULY 2010 – REVISED MAY 2013
APPLICATION DATA
UPLINK FAR-FIELD NOISE REDUCTION OVERVIEW
The uplink portion of the LMV1099 is a fully analog solution to reduce the far field noise picked up by
microphones in a communication system. A simplified block diagram is provided in Figure 20.
Figure 20. Simplified Block Diagram of the LMV1099 Uplink path
The output signal of the microphones is amplified by a pre-amplifier with adjustable gain between 12dB and
36dB. The matched signals are then routed through the Analog Noise Cancelling block which suppresses the far-
field signal. The output of the analog noise cancelling processor is amplified in the post amplifier with selectable
gain, 6dB or 12dB. For optimum noise and EMI immunity, the microphones have a differential connection to the
LMV1099 and the uplink output is also differential. The adjustable gain functions can be controlled via I2C.
POWER SUPPLY CIRCUITS
A low drop-out (LDO) voltage regulator in the LMV1099 allows the device to be independent of supply voltage
variations.
The Power On Reset (POR) circuitry in the LMV1099 requires the supply voltage to rise from 0V to VDD in less
than 100ms.
The Mic Bias output is provided as a low noise supply source for the electret microphones. The noise voltage on
the Mic Bias microphone supply output pin depends on the noise voltage on the internal the reference node. The
de-coupling capacitor on the VREF pin determines the noise voltage on this internal reference. This capacitor
should be larger than 1nF; having a larger capacitor value will result in a lower noise voltage on the Mic Bias
output.
GAIN BALANCE AND GAIN BUDGET
In systems where input signals have a high dynamic range, critical noise levels or where the dynamic range of
the output voltage is also limited, careful gain balancing is essential for the best performance. Too low of a gain
setting in the preamplifier can result in higher noise levels, while too high of a gain setting in the preamplifier will
result in saturation of the noise cancelling processor and output stages.
The gain ranges and maximum signal levels for the different functional blocks are shown in Figure 21. Two
examples are given as a guideline on how to select proper gain settings.
Figure 21. Maximum Signal Levels
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMV1099



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com