Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV1099TLX/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LMV1099TLX/NOPB
Description  LMV1099 Uplink Far Field Noise Suppression and Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1099TLX/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMV1099TLX/NOPB Datasheet HTML 16Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 17Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 18Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 19Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 20Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 21Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 22Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 23Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
H(s) =
Post Amplifier gain
sRfCf+1
LMV1099
CORRECT
1.5~2.5 cm
OPTIMIZED
SPEECH
LMV1099
NEAR
SPEECH
WRONG
OPTIMIZED
SPEECH
LMV1099
SNAS490D – JULY 2010 – REVISED MAY 2013
www.ti.com
Figure 26. Broadside Array (WRONG)
Figure 27. Endfire Array (CORRECT)
Low-Pass Filter At The Output
At the output of the LMV1099 there is a provision to create a 1st order low-pass filter (only enabled in 'Noise
Cancelling' mode). This low-pass filter can be used to compensate for the change in frequency response that
results from the noise cancellation process. The change in frequency response resembles a first-order high-pass
filter, and for many of the applications it can be compensated by a first-order low-pass filter with cutoff frequency
between 1.5kHz and 2.5kHz.
The transfer function of the low-pass filter is derived as:
(2)
This low-pass filter is created by connecting a capacitor between the LPF pin and the OUT pin of the LMV1099.
The value of this capacitor also depends on the selected output gain. For different gains the feedback resistance
in the low-pass filter network changes as shown in Table 8.
This will result in the following values for a cutoff frequency of 2000 Hz:
Table 8. Low-Pass Filter Capacitor For 2kHz
Post Amplifier Gain Setting (dB)
Rf (kΩ)
Cf (nF)
6
20
3.9
12
40
2.0
A-Weighted Filter
The human ear is sensitive for acoustic signals within a frequency range from about 20Hz to 20kHz. Within this
range the sensitivity of the human ear is not equal for each frequency. To approach the hearing response,
weighting filters are introduced. One of those filters is the A-weighted filter.
The A-weighted filter is used in signal to noise measurements, where the wanted audio signal is compared to
device noise and distortion.
20
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMV1099



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com