Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV1099TLX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LMV1099TLX/NOPB
Description  LMV1099 Uplink Far Field Noise Suppression and Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1099TLX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMV1099TLX/NOPB Datasheet HTML 17Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 18Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 19Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 20Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 21Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 22Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 23Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 24Page - Texas Instruments LMV1099TLX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
A-WEIGHTED
FILTER
Mic2+
Mic2-
Mic1+
Mic1-
470 nF
470 nF
470 nF
470 nF
OUT-
LPF
LMV1099
short
short
AC Voltmeter
OUT+
10
100
1k
10k
100k
FREQUENCY (Hz)
-70
-60
-50
-40
-30
-20
-10
0
10
LMV1099
www.ti.com
SNAS490D – JULY 2010 – REVISED MAY 2013
The use of this filter improves the correlation of the measured values to the way these ratios are perceived by
the human ear.
Figure 28. A-Weighted Filter
Measuring Uplink Noise and SNR
The overall noise of the LMV1099 is measured within the frequency band from 10Hz to 22kHz using an A-
weighted filter. The Mic+ and Mic- inputs of the LMV1099 are AC shorted between the input capacitors, see
Figure 29.
Figure 29. Noise Measurement Setup
For the signal to noise ratio (SNR) the signal level at the output is measured with a 1kHz input signal of 18mVP-P
using an A-weighted filter. This voltage represents the output voltage of a typical electret condenser microphone
at a sound pressure level of 94dB SPL, which is the standard level for these measurements. The LMV1099 is
programmed for 26dB of total gain (20dB preamplifier and 6dB postamplifier) with only mic1 or mic2 used. (See
also I2C Compatible Interface).
The input signal is applied differentially between the Mic+ and Mic-. Because the part is in Pass Through mode
the low-pass filter at the output of the LMV1099 is disabled.
Table 9. Revision History
Rev
Date
Description
1.0
08/12/10
Initial release.
1.01
12/10/10
Added the X1, X2, and X3 values of the mktg outline.
1.02
03/30/11
Edited Table 3 (Control Registers).
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMV1099



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com