Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3958TL/NOPB.A Datasheet(PDF) 17 Page - Texas Instruments

Part # LP3958TL/NOPB.A
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3958TL/NOPB.A Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP3958TL/NOPB.A Datasheet HTML 13Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 14Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 15Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 16Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 17Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 18Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 19Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 20Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
main[7:0]
en_main
8-Bit IDAC
en_main_pwm
External PWM
&
MAIN
VBOOST
VBOOST
sub[7:0]
en_sub
8-Bit IDAC
en_sub_pwm
External PWM
&
SUB
VBOOST
LP3958
www.ti.com
SNVS423C – JANUARY 2006 – REVISED MARCH 2013
Figure 17. SUB output for 2 LEDs (DISPL = 0)
Figure 18. MAIN and SUB outputs for 8 LEDs (DISPL = 1)
PWM CONTROL
External PWM control is enabled by writing 1 to EN_MAIN_PWM and/or EN_SUB_PWM bits in register address
2BH. GPIO[0] pin is used as external PWM input when EN_PWM_PIN is set high. PWM input is active high, i.e.
LED is activated when in high state.
FADE IN / FADE OUT
LP3958 has an automatic fade in and out for main and sub backlight. The fade function is enabled with
EN_FADE bit. The slope of the fade curve is set by the SLOPE bit. Fade control for main and sub display is set
by FADE_SEL bit.
Recommended fading sequence:
1. ASSUMPTION: Current WLED value in register
2. Set SLOPE
3. Set FADE_SEL
4. Set EN_FADE = 1
5. Set target WLED value
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP3958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com